Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD14538BPWG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
CD14538BPWG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 20 page Data sheet acquired from Harris Semiconductor SCHS093C − Revised October 2003 The CD14538B is interchangeable with type MC14538 and is similar to and pin-compatible with the CD4098B* and CD4538B. It can replace the CD4538B which type is not recommended for new designs. The CD14538B types are supplied in 16-lead hermetic dual-in-line ceramic packages (F3A suffix), 16-lead dual-in-line plastic packages (E suffix), 16-lead small-outline packages (M, M96, MT, and NSR suffixes), and 16-lead thin shrink small-outline packages (PW and PWR suffixes). Copyright 2003, Texas Instruments Incorporated |
Número de pieza similar - CD14538BPWG4 |
|
Descripción similar - CD14538BPWG4 |