Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM3357BZCZA60 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
AM3357BZCZA60 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 236 page ARM Cortex-A8 Up to 1 GHz 32K and 32K L1 + SED 256K L2 + ECC 176K ROM 64K RAM Graphics PowerVR SGX 3D GFX Crypto 64K shared RAM 24-bit LCD controller Touch screen controller Display PRU-ICSS EtherCAT, PROFINET, EtherNet/IP, and more L3 and L4 interconnect USB 2.0 HS OTG + PHY x2 CAN x2 (Ver. 2 A and B) McASP x2 (4 channel) I C x3 2 SPI x2 UART x6 Serial System Parallel eDMA Timers x8 WDT RTC eHRPWM x3 eQEP x3 PRCM eCAP x3 ADC (8 channel) 12-bit SAR JTAG Crystal Oscillator x2 MMC, SD and SDIO x3 GPIO EMAC (2-port) 10M, 100M, 1G IEEE 1588v2, and switch (MII, RMII, RGMII) mDDR(LPDDR), DDR2, DDR3, DDR3L (16-bit; 200, 266, 400, 400 MHz) NAND and NOR (16-bit ECC) Memory interface AM3359, AM3358, AM3357 AM3356, AM3354, AM3352 SPRS717F – OCTOBER 2011 – REVISED APRIL 2013 www.ti.com 1.4 Functional Block Diagram The AM335x microprocessor functional block diagram is shown in Figure 1-1. Figure 1-1. AM335x Functional Block Diagram 6 Device Summary Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 |
Número de pieza similar - AM3357BZCZA60 |
|
Descripción similar - AM3357BZCZA60 |