Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33151DR2G Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC33151DR2G
Descripción Electrónicos  High Speed Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33151DR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33151DR2G Datasheet HTML 2Page - ON Semiconductor MC33151DR2G Datasheet HTML 3Page - ON Semiconductor MC33151DR2G Datasheet HTML 4Page - ON Semiconductor MC33151DR2G Datasheet HTML 5Page - ON Semiconductor MC33151DR2G Datasheet HTML 6Page - ON Semiconductor MC33151DR2G Datasheet HTML 7Page - ON Semiconductor MC33151DR2G Datasheet HTML 8Page - ON Semiconductor MC33151DR2G Datasheet HTML 9Page - ON Semiconductor MC33151DR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC34151, MC33151
http://onsemi.com
6
Figure 14. Drive Output Rise and Fall Time
versus Load Capacitance
Figure 15. Supply Current versus Drive Output
Load Capacitance
Figure 16. Supply Current versus Input Frequency
Figure 17. Supply Current versus Supply Voltage
CL, OUTPUT LOAD CAPACITANCE (nF)
tf
tr
VCC = 12 V
VIN = 0 V to 5.0 V
TA = 25°C
CL, OUTPUT LOAD CAPACITANCE (nF)
VCC = 12 V
Both Logic Inputs Driven
0 V to 5.0 V
50% Duty Cycle
Both Drive Outputs Loaded
TA = 25°C
f = 500 kHz
f = 200 kHz
f = 50 kHz
1
2
3
4
Both Logic Inputs Driven
0 V to 5.0 V,
50% Duty Cycle
Both Drive Outputs Loaded
TA = 25°C
1 - VCC = 18 V, CL = 2.5 nF
2 - VCC = 12 V, CL = 2.5 nF
3 - VCC = 18 V, CL = 1.0 nF
4 - VCC = 12 V, CL = 1.0 nF
f, INPUT FREQUENCY (Hz)
VCC, SUPPLY VOLTAGE (V)
TA = 25°C
Logic Inputs at VCC
Low State Drive Outputs
Logic Inputs Grounded
High State Drive Outputs
80
60
40
20
0
80
60
40
20
0
80
60
40
20
0
8.0
6.0
4.0
2.0
0
0.1
1.0
10
0.1
1.0
10
100
1.0 M
0
4.0
8.0
12
16
10 k
APPLICATIONS INFORMATION
Description
The MC34151 is a dual inverting high speed driver
specifically designed to interface low current digital
circuitry with power MOSFETs. This device is constructed
with Schottky clamped Bipolar Analog technology which
offers a high degree of performance and ruggedness in
hostile industrial environments.
Input Stage
The Logic Inputs have 170 mV of hysteresis with the input
threshold centered at 1.67 V. The input thresholds are
insensitive to VCC making this device directly compatible
with CMOS and LSTTL logic families over its entire
operating voltage range. Input hysteresis provides fast
output switching that is independent of the input signal
transition time, preventing output oscillations as the input
thresholds are crossed. The inputs are designed to accept a
signal amplitude ranging from ground to VCC. This allows
the output of one channel to directly drive the input of a
second channel for master−slave operation. Each input has
a 30 k
W pulldown resistor so that an unconnected open input
will cause the associated Drive Output to be in a known high
state.
Output Stage
Each totem pole Drive Output is capable of sourcing and
sinking up to 1.5 A with a typical ‘on’ resistance of 2.4
W at
1.0 A. The low ‘on’ resistance allows high output currents
to be attained at a lower VCC than with comparative CMOS
drivers. Each output has a 100 k
W pulldown resistor to keep
the MOSFET gate low when VCC is less than 1.4 V. No over
current or thermal protection has been designed into the
device, so output shorting to VCC or ground must be
avoided.
Parasitic inductance in series with the load will cause the
driver outputs to ring above VCC during the turn−on
transition, and below ground during the turn−off transition.
With CMOS drivers, this mode of operation can cause a
destructive output latchup condition. The MC34151 is
immune to output latchup. The Drive Outputs contain an
internal diode to VCC for clamping positive voltage
transients. When operating with VCC at 18 V, proper power
supply bypassing must be observed to prevent the output
ringing from exceeding the maximum 20 V device rating.
Negative output transients are clamped by the internal NPN
pullup transistor. Since full supply voltage is applied across


Número de pieza similar - MC33151DR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33151DR2G ONSEMI-MC33151DR2G Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
More results

Descripción similar - MC33151DR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com