Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5221B Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 1N5221B
Descripción Electrónicos  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5221B Datasheet(HTML) 3 Page - Fairchild Semiconductor

  1N5221B Datasheet HTML 1Page - Fairchild Semiconductor 1N5221B Datasheet HTML 2Page - Fairchild Semiconductor 1N5221B Datasheet HTML 3Page - Fairchild Semiconductor 1N5221B Datasheet HTML 4Page - Fairchild Semiconductor 1N5221B Datasheet HTML 5Page - Fairchild Semiconductor 1N5221B Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N5221B - 1N5263B Rev. 1.2.0
3
Top Mark Information
Device
Line 1
Line 2
Line 3
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
LOGO
LOGO
LOGO
LOGO
LOGO
22
22
22
22
22
1B
2B
3B
4B
5B
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
LOGO
LOGO
LOGO
LOGO
LOGO
22
22
22
22
23
6B
7B
8B
9B
0B
1N5231B
1N5232B
1N5233B
1N5234B
1N5235B
LOGO
LOGO
LOGO
LOGO
LOGO
23
23
23
23
23
1B
2B
3B
4B
5B
1N5236B
1N5237B
1N5238B
1N5239B
1N5240B
LOGO
LOGO
LOGO
LOGO
LOGO
23
23
23
23
24
6B
7B
8B
9B
0B
1N5241B
1N5242B
1N5243B
1N5244B
1N5245B
LOGO
LOGO
LOGO
LOGO
LOGO
24
24
24
24
24
1B
2B
3B
4B
5B
1N5246B
1N5247B
1N5248B
1N5249B
1N5250B
LOGO
LOGO
LOGO
LOGO
LOGO
24
24
24
24
25
6B
7B
8B
9B
0B
1N5251B
1N5252B
1N5253B
1N5254B
1N5255B
LOGO
LOGO
LOGO
LOGO
LOGO
25
25
25
25
25
1B
2B
3B
4B
5B
1N5256B
1N5257B
1N5258B
1N5259B
1N5260B
LOGO
LOGO
LOGO
LOGO
LOGO
25
25
25
25
26
6B
7B
8B
9B
0B
1N5261B
1N5262B
1N5263B
LOGO
LOGO
LOGO
26
26
26
1B
2B
3B


Número de pieza similar - 1N5221B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5221B VISHAY-1N5221B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Tiger Electronic Co.,Lt...
1N5221B TGS-1N5221B Datasheet
264Kb / 3P
   Zener diode
logo
Diodes Incorporated
1N5221B DIODES-1N5221B Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Vishay Siliconix
1N5221B VISHAY-1N5221B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
More results

Descripción similar - 1N5221B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com