Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5226A-4-TL-E Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza 2SC5226A-4-TL-E
Descripción Electrónicos  VHF to UHF Wide-Band Low-Noise Amplifi er Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5226A-4-TL-E Datasheet(HTML) 6 Page - Sanyo Semicon Device

  2SC5226A-4-TL-E Datasheet HTML 1Page - Sanyo Semicon Device 2SC5226A-4-TL-E Datasheet HTML 2Page - Sanyo Semicon Device 2SC5226A-4-TL-E Datasheet HTML 3Page - Sanyo Semicon Device 2SC5226A-4-TL-E Datasheet HTML 4Page - Sanyo Semicon Device 2SC5226A-4-TL-E Datasheet HTML 5Page - Sanyo Semicon Device 2SC5226A-4-TL-E Datasheet HTML 6Page - Sanyo Semicon Device 2SC5226A-4-TL-E Datasheet HTML 7Page - Sanyo Semicon Device 2SC5226A-4-TL-E Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5226A
No. A1062-6/8
Embossed Taping Specification
2SC5226A-4-TL-E, 2SC5226A-5-TL-E


Número de pieza similar - 2SC5226A-4-TL-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SC5226A-4-TL-E ONSEMI-2SC5226A-4-TL-E Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
More results

Descripción similar - 2SC5226A-4-TL-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SC5226A SANYO-2SC5226A_12 Datasheet
463Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifi er Applications
2SC5374A SANYO-2SC5374A_12 Datasheet
534Kb / 8P
   VHF to UHF Band OSC, High-Frequency Amplifi er Applications
2SC5227 SANYO-2SC5227 Datasheet
122Kb / 4P
   VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5230 SANYO-2SC5230 Datasheet
122Kb / 4P
   VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A_12 Datasheet
454Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A_12 Datasheet
470Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com