Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC817K-40 Datasheet(PDF) 6 Page - Infineon Technologies AG

No. de pieza BC817K-40
Descripción Electrónicos  NPN Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC817K-40 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BC817K-40 Datasheet HTML 2Page - Infineon Technologies AG BC817K-40 Datasheet HTML 3Page - Infineon Technologies AG BC817K-40 Datasheet HTML 4Page - Infineon Technologies AG BC817K-40 Datasheet HTML 5Page - Infineon Technologies AG BC817K-40 Datasheet HTML 6Page - Infineon Technologies AG BC817K-40 Datasheet HTML 7Page - Infineon Technologies AG BC817K-40 Datasheet HTML 8Page - Infineon Technologies AG BC817K-40 Datasheet HTML 9Page - Infineon Technologies AG BC817K-40 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2011-09-19
6
BC817K.../BC818K...
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 10
0
10
EHP00222
BC 817/818
BEsat
V
2.0
V
4.0
-1
100
101
3
10
5
5
Ι
C
mA
5
2
10
1.0
3.0
˚C
-50
25 ˚C
˚C
150
Collector cutoff current ICBO = ƒ(TA)
VCBO = 25 V
0
10
EHP00221
BC 817/818
A
T
150
0
5
10
Ι
CBO
nA
50
100
1
10
2
10
4
10
˚C
typ
max
103
Transition frequency fT = ƒ(IC)
VCE = parameter in V, f = 2 GHz
10
EHP00218
BC 817/818
03
10
mA
1
10
3
10
5
5
10
1
10
2
10
2
C
T
f
MHz
Ι
Collector-base capacitance Ccb = ƒ(VCB)
Emitter-base capacitance Ceb = ƒ(VEB)
BC817K, BC818K
0
2
4
6
8
10
12
14
16
V
20
VCB/VEB
0
5
10
15
20
25
30
35
40
45
pF
55
CCB
CEB


Número de pieza similar - BC817K-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BC817K-40 INFINEON-BC817K-40 Datasheet
864Kb / 11P
   NPN Silicon AF Transistor
2008-04-11
logo
Nexperia B.V. All right...
BC817K-40 NEXPERIA-BC817K-40 Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
BC817K-40 NEXPERIA-BC817K-40 Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 6 March 2018
BC817K-40H NEXPERIA-BC817K-40H Datasheet
366Kb / 21P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 5 March 2019
BC817K-40H NEXPERIA-BC817K-40H Datasheet
371Kb / 25P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 15 December 2017
More results

Descripción similar - BC817K-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
   NPN Silicon AF Transistor
2008-10-10
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
   NPN Silicon AF Transistor
2011-08-30
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
   NPN Silicon AF Transistor
2008-10-20
BC817-16 INFINEON-BC817-16 Datasheet
864Kb / 11P
   NPN Silicon AF Transistor
2008-04-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com