Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCP54-16 Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza BCP54-16
Descripción Electrónicos  NPN Silicon AF Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCP54-16 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCP54-16 Datasheet HTML 1Page - Infineon Technologies AG BCP54-16 Datasheet HTML 2Page - Infineon Technologies AG BCP54-16 Datasheet HTML 3Page - Infineon Technologies AG BCP54-16 Datasheet HTML 4Page - Infineon Technologies AG BCP54-16 Datasheet HTML 5Page - Infineon Technologies AG BCP54-16 Datasheet HTML 6Page - Infineon Technologies AG BCP54-16 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2011-10-13
1
BCP54...-BCP56...
NPN Silicon AF Transistors
• For AF driver and output stages
• High collector current
• Low collector-emitter saturation voltage
• Complementary types: BCP51...BCP53 (PNP)
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
Type
Marking
Pin Configuration
Package
BCP54
BCP54-16
BCP55
BCP55-16
BCP56-10
BCP56-16
*
*
*
*
*
*
1=B
1=B
1=B
1=B
1=B
1=B
2=C
2=C
2=C
2=C
2=C
2=C
3=E
3=E
3=E
3=E
3=E
3=E
4=C
4=C
4=C
4=C
4=C
4=C
-
-
-
-
-
-
-
-
-
-
-
-
SOT223
SOT223
SOT223
SOT223
SOT223
SOT223
* Marking is the same as the type-name


Número de pieza similar - BCP54-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BCP54-16 PHILIPS-BCP54-16 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP54-16 SIEMENS-BCP54-16 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP54-16 INFINEON-BCP54-16 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
NXP Semiconductors
BCP54-16 NXP-BCP54-16 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Infineon Technologies A...
BCP54-16 INFINEON-BCP54-16 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
More results

Descripción similar - BCP54-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com