Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM25575 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM25575
Descripción Electrónicos  LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM25575 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM25575 Datasheet HTML 4Page - Texas Instruments LM25575 Datasheet HTML 5Page - Texas Instruments LM25575 Datasheet HTML 6Page - Texas Instruments LM25575 Datasheet HTML 7Page - Texas Instruments LM25575 Datasheet HTML 8Page - Texas Instruments LM25575 Datasheet HTML 9Page - Texas Instruments LM25575 Datasheet HTML 10Page - Texas Instruments LM25575 Datasheet HTML 11Page - Texas Instruments LM25575 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
0.25
0.5
1
1.25
0.75
1.5
0
10
20
30
40
50
60
70
80
90
100
IOUT (A)
VIN = 24V
VIN = 7V
LM25575, LM25575-Q1
SNVS479G – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Demoboard Efficiency vs IOUT and VIN
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM25575 LM25575-Q1


Número de pieza similar - LM25575

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM25575-Q1 TI1-LM25575-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM25575BLDT/NOPB TI1-LM25575BLDT/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
More results

Descripción similar - LM25575

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM22671MRE-50 TI-LM22671MRE-50 Datasheet
1Mb / 25P
[Old version datasheet]   LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com