Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC2578IDW Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC2578IDW
Descripción Electrónicos  5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2578IDW Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC2578IDW Datasheet HTML 18Page - Texas Instruments TLC2578IDW Datasheet HTML 19Page - Texas Instruments TLC2578IDW Datasheet HTML 20Page - Texas Instruments TLC2578IDW Datasheet HTML 21Page - Texas Instruments TLC2578IDW Datasheet HTML 22Page - Texas Instruments TLC2578IDW Datasheet HTML 23Page - Texas Instruments TLC2578IDW Datasheet HTML 24Page - Texas Instruments TLC2578IDW Datasheet HTML 25Page - Texas Instruments TLC2578IDW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
22
WWW.TI.COM
detailed description (continued)
Table 2. Configuration Register (CFR) Bit Definition
SDI BIT
DEFINITION
D11
Always 1. Otherwise the performance is degraded.
D10
Conversion output code format select:
0: BOB (bipolar offset binary);
1: BTC (binary 2s complement)
D9
Sample period select for normal sampling. Don’t care in extended sampling.
D9
0: Long sampling (4x) 44 SCLKs;
1: Short sampling 12 SCLKs
D8
Conversion clock source select:
0: Conversion clock = Internal OSC;
1: Conversion clock = SCLK/4
D7
Input mode select:
0: Single-ended;
1: Pseudodifferential. Pin configuration shown below.
Pin Configuration of TLC3578 and TLC2578
Pin Configuration of TLC3574 and TLC2574
Pin No.
Single-ended
Pseudodifferential polarity
Pin No.
Single-ended
Pseudodifferential polarity
9
10
A0
A1
Plus
Minus
Pair A
9
10
A0
A1
PLUS
MINUS
Pair A
11
12
A2
A3
Plus
Minus
Pair B
11
12
A2
A3
PLUS
MINUS
Pair B
13
14
A4
A5
Plus
Minus
Pair C
15
16
A6
A7
Plus
Minus
Pair D
D[6:5]
Conversion mode select
00: One shot mode
01: Repeat mode
10: Sweep mode
11: Repeat sweep mode.
D[4:3]
Sweep auto sequence select (Note: These bits only take effect in conversion mode 10 and 11.)
D[4:3]
TLC3578 and TLC2578
TLC3574 and TLC2574
Single-ended (by ch)
Pseudodifferential (by pair)
Single-ended (by ch)
Pseudodifferential (by pair)
00: 0−1−2−3−4−5−6−7
01: 0−2−4−6−0−2−4−6
10: 0−0−2−2−4−4−6−6
11: 0−2−0−2−0−2−0−2
00:
N/A
01: A−B−C−D−A−B−C−D
10: A−A−B−B−C−C−D−D
11: A−B−A−B−A−B−A−B
00: 0−1−2−3−0−1−2−3
01: 0−2−0−2−0−2−0−2
10: 0−0−1−1−2−2−3−3
11: 0−0−0−0−2−2−2−2
00:
N/A
01: A−B−A−B−A−B−A−B
10:
N/A
11: A−A−A−A−B−B−B−B
D2
EOC/INT pin function select
0: Pin used as INT
1: Pin used as EOC ( for mode 00 only)
D[1:0]
FIFO trigger level (sweep sequence length). Don’t care in one shot mode.
00: Full (INT generated after FIFO Level 7 filled)
01: 3/4 (INT generated after FIFO Level 5 filled)
10: 1/2 (INT generated after FIFO Level 3 filled)
11: 1/4 (INT generated after FIFO Level 1 filled)
sampling period
The sampling period follows the command period. The selected signal is sampled during this time. The device
has three different sampling modes: normal short mode, normal long mode, and extended mode.
Normal Short Sampling Mode: Sampling time is controlled by the SCLK and lasts 12 SCLK periods. At the
end of sampling, the converter automatically starts the conversion period. After the configuration, the normal
sampling starts automatically after the falling edge of fourth SCLK that follows the falling edge of CS if CS
triggers the operation, or follows the rising edge of FS if FS initiates the operation, except the FIFO READ and
WRITE CFR commands.


Número de pieza similar - TLC2578IDW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2578IDW TI-TLC2578IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC2578IDWG4 TI-TLC2578IDWG4 Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC2578IDWG4 TI1-TLC2578IDWG4 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
TLC2578IDWR TI-TLC2578IDWR Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
More results

Descripción similar - TLC2578IDW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2574 TI-TLC2574 Datasheet
706Kb / 39P
[Old version datasheet]   5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3574IDW TI-TLC3574IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544 TI-TLC3544_07 Datasheet
926Kb / 42P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC2578IDWR TI-TLC2578IDWR Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI1-TLC2554_14 Datasheet
1Mb / 50P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com