Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS2012 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS2012
Descripción  POWER-DISTRIBUTION
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS2012 Datasheet(HTML) 11 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 15
3.9
3.7
4.7
3.5
2.5
3
3.5
4
4.3
4.1
4.5
TURN-ON DELAY TIME
vs
INPUT VOLTAGE
4.9
4.5
5
5.5
VI – Input Voltage – V
TJ = 25°C
RL = 50 Ω
CL = 1 µF
Figure 16
15
10
5
2.5
3
3.5
4
4.5
20
TURN-OFF DELAY TIME
vs
INPUT VOLTAGE
25
5
5.5
VI – Input Voltage – V
TJ = 25°C
RL = 50 Ω
CL = 1 µF
Figure 17
3.5
3
2.5
2
0
0.3
0.6
0.9
4
4.5
RISE TIME
vs
OUTPUT CURRENT
5
1.2
1.5
VI = 2.7 V
VI = 5.5 V
IO – Output Current – A
TJ = 25°C
CL = 1 µF
Figure 18
3
2.8
2.4
2.2
2
3.8
2.6
0
0.3
0.6
0.9
3.4
3.2
3.6
FALL TIME
vs
OUTPUT CURRENT
4
1.2
1.5
VI = 2.7 V
VI = 5.5 V
IO – Output Current – A
TJ = 25°C
CL = 1 µF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn