Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS43000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS43000
Descripción Electrónicos  MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43000 Datasheet(HTML) 1 Page - Texas Instruments

  TPS43000 Datasheet HTML 1Page - Texas Instruments TPS43000 Datasheet HTML 2Page - Texas Instruments TPS43000 Datasheet HTML 3Page - Texas Instruments TPS43000 Datasheet HTML 4Page - Texas Instruments TPS43000 Datasheet HTML 5Page - Texas Instruments TPS43000 Datasheet HTML 6Page - Texas Instruments TPS43000 Datasheet HTML 7Page - Texas Instruments TPS43000 Datasheet HTML 8Page - Texas Instruments TPS43000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TPS43000
SLUS489 − OCTOBER 2001
MULTITOPOLOGY HIGHFREQUENCY
PWM CONTROLLER
1
www.ti.com
FEATURES
D High-Frequency (2-MHz) Voltage Mode PWM
Controller
D 1.8-V to 9.0-V Input Voltage Range
D 0.8-V to 8.0-V Output Voltage Range (Higher in
Non-Synchronous Boost Topology)
D High-Efficiency Buck, Boost, SEPIC or
Flyback (Buck-Boost) Topology
D Synchronous Rectification for High-Efficiency
D Drives External MOSFETs for High-Current
Applications
D Synchronizable Fixed-Frequency PWM or
Automatic Pulsed Frequency Modulation
(PFM) Mode
D Built-In Soft-Start
D User Programmable Discontinuous or
Continuous Conduction Mode
D Selectable Pulse-by-Pulse Current Limiting or
Hiccup Mode Protection
TYPICAL BUCK APPLICATION
APPLICATIONS
D Networking Equipment
D Servers
D Base Stations
D Cellular Telephones
D Satellite Telephones
D GPS Devices
D Digital Still and Handheld Cameras
D Personal Digital Assistants (PDAs)
DESCRIPTION
The TPS43000 is a high-frequency, voltage-mode,
synchronous PWM controller that can be used in buck,
boost, SEPIC, or flyback topologies. This highly flexible,
full-featured controller is designed to drive a pair of
external
MOSFETs
(one
N-channel
and
one
P-channel), enabling it for use with a wide range of
output voltages and power levels. With an automatic
PFM mode, a shutdown current of less than 1
µA, a
sleep-mode current of less than 100
µA and a full
operating current of less than 2 mA at 1 MHz, it is ideal
for building highly efficient, dc-to-dc converters.
The TPS43000 operates over a wide input voltage
range of 1.8 V to 9.0 V. Typical power sources are
distributed power systems, two to four nickel or alkaline
batteries, or one to two lithium-ion cells. It can be used
to generate regulated output voltages from as low as
0.8 V to 8 V or higher. It operates either in a
fixed-frequency mode, where the user programs the
frequency (up to 2 MHz), or in an automatic PFM mode.
In the automatic mode, the controller goes to sleep
when the inductor current goes discontinuous, and
wakes up when the output voltage has fallen by 2%. In
this hysteretic mode of operation, very high efficiency
can be maintained over a very wide range of load
current. The device can also be synchronized to an
external clock source using the dual function SYNC/SD
input pin.
UDG−01036
5
1
3
4
2
6
12
7
SYNC/SD
CCS
RT
CCM
BUCK
PFM*
COMP
FB
TPS43000
8
10
11
16
15
13
14
9
VIN
VOUT
NDRV
GND
PDRV
VP
SWP
SWN
RTN
VIN
VOUT
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Número de pieza similar - TPS43000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
TPS43000 TI-TPS43000 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
TPS43000 TI-TPS43000_15 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
More results

Descripción similar - TPS43000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS43000 TI-TPS43000_15 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
logo
Vishay Siliconix
SI9166 VISHAY-SI9166 Datasheet
217Kb / 8P
   High Frequency Programmable Topology Controller
Rev. B, 05-Apr-99
SI9166 VISHAY-SI9166_V01 Datasheet
179Kb / 11P
   High Frequency Programmable Topology Controller
01-Jan-2022
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
logo
Vishay Siliconix
SI9166 VISHAY-SI9166_04 Datasheet
146Kb / 11P
   High Frequency Programmable Topology Controller
Rev. C, 19-Apr-04
logo
Texas Instruments
UCC2975 TI-UCC2975 Datasheet
433Kb / 28P
[Old version datasheet]   MULTI TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
UCC2975 TI1-UCC2975_15 Datasheet
454Kb / 30P
[Old version datasheet]   MULTI-TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
logo
National Semiconductor ...
LM2639 NSC-LM2639 Datasheet
151Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720_09 Datasheet
348Kb / 10P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720 Datasheet
149Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com