Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61087DRCRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61087DRCRG4
Descripción Electrónicos  650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61087DRCRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61087DRCRG4 Datasheet HTML 1Page - Texas Instruments TPS61087DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS61087DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS61087DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS61087DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS61087DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS61087DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS61087DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS61087DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPS61087
SLVS821C – MAY 2008 – REVISED JULY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1) (2)
TA
ORDERING
PACKAGE
PACKAGE MARKING
–40 to 85°C
TPS61087DRC
QFN-10 (DRC)
PMOQ
TPS61087DSC
QFN-10 (DSC)
PMWI
(1)
The DRC package is available taped and reeled.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Input voltage range IN(2)
–0.3 to 7.0
V
Voltage range on pins EN, FB, SS, FREQ, COMP
–0.3 to 7.0
V
Voltage on pin SW
–0.3 to 20
V
ESD rating HBM
2
kV
ESD rating MM
200
V
ESD rating CDM
500
V
Continuous power dissipation
See Dissipation Rating Table
Operating junction temperature range
–40 to 150
°C
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
(2)
All voltage values are with respect to network ground terminal.
DISSIPATION RATINGS
(1) (2)
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
POWER RATING
POWER RATING
QFN
1.74 W
0.96 W
0.70 W
(1)
PD = (TJ – TA)/RθJA.
(2)
The exposed thermal die is soldered to the PCB using thermal vias. For more information, see the
Texas Instruments Application report SLMA002 regarding thermal characteristics of the PowerPAD
package.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.5
6
V
VS
Boost output voltage range
VIN + 0.5
18.5
V
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: TPS61087


Número de pieza similar - TPS61087DRCRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61087DRC TI-TPS61087DRC Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
More results

Descripción similar - TPS61087DRCRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61087 TI-TPS61087_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS61087 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61087-Q1 TI1-TPS61087-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61087-Q1 650-kHz or 1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com