Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC1835J Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza UC1835J
Descripción Electrónicos  High Efficiency Regulator Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC1835J Datasheet(HTML) 5 Page - Texas Instruments

  UC1835J Datasheet HTML 1Page - Texas Instruments UC1835J Datasheet HTML 2Page - Texas Instruments UC1835J Datasheet HTML 3Page - Texas Instruments UC1835J Datasheet HTML 4Page - Texas Instruments UC1835J Datasheet HTML 5Page - Texas Instruments UC1835J Datasheet HTML 6Page - Texas Instruments UC1835J Datasheet HTML 7Page - Texas Instruments UC1835J Datasheet HTML 8Page - Texas Instruments UC1835J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Sep-2011
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
5962-9065002PA
ACTIVE
CDIP
JG
8
1
TBD
Call TI
Call TI
UC1835J
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
UC1835J883B
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
UC1835L883B
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
UC1836J
ACTIVE
CDIP
JG
8
1
TBD
A42
N / A for Pkg Type
UC1836J883B
ACTIVE
CDIP
JG
8
1
TBD
A42
N / A for Pkg Type
UC1836L
OBSOLETE
TO/SOT
L
20
TBD
Call TI
Call TI
UC1836L883B
OBSOLETE
TO/SOT
L
20
TBD
Call TI
Call TI
UC2835D
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC2835DG4
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC2835J
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
UC2835N
ACTIVE
PDIP
P
8
50
Green (RoHS
& no Sb/Br)
CU NIPDAU N / A for Pkg Type
UC2835NG4
ACTIVE
PDIP
P
8
50
Green (RoHS
& no Sb/Br)
CU NIPDAU N / A for Pkg Type
UC2836D
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC2836DG4
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC2836DW
OBSOLETE
SOIC
DW
16
TBD
Call TI
Call TI
UC3835N
ACTIVE
PDIP
P
8
50
Green (RoHS
& no Sb/Br)
CU NIPDAU N / A for Pkg Type
UC3835NG4
ACTIVE
PDIP
P
8
50
Green (RoHS
& no Sb/Br)
CU NIPDAU N / A for Pkg Type
UC3836D
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC3836DG4
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC3836DTR
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR


Número de pieza similar - UC1835J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1835J TI-UC1835J Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC1835J883B TI-UC1835J883B Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
More results

Descripción similar - UC1835J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC1835 TI-UC1835 Datasheet
479Kb / 5P
[Old version datasheet]   High Efficiency Regulator Controller
UC3836N TI1-UC3836N Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com