Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0603LS-121X_L Datasheet(Hoja de datos) 2 Page - Coilcraft lnc.

No. de Pieza. 0603LS-121X_L
Descripción  Chip Inductors 0603LS (1608)
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo 

   
 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 264-2
Document 264-2 Revised 01/18/12
Chip Inductors– 0603LS Series
Inductance2
Percent
SRF min4
DCR max5
Irms6
Color
Overall
Part number1
(nH)
tolerance
Qmin3
(MHz)
(Ohms)
(A)
code
width
0603LS-47NX_L_
47 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1500
0.075
1.40
Black
B1
0603LS-51NX_L_
51 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1400
0.075
1.00
Violet
B1
0603LS-72NX_L_
72 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1400
0.12
1.40
Brown
B1
0603LS-101X_L_
100 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1150
0.13
1.40
Red
B1
0603LS-121X_L_
120 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1100
0.15
1.40
Orange
B1
0603LS-151X_L_
150 @ 7.9 MHz
5,2
15 @ 7.9 MHz
1050
0.15
1.30
Yellow
B1
0603LS-181X_L_
180 @ 7.9 MHz
5,2
15 @ 7.9 MHz
950
0.15
1.30
Green
B1
0603LS-241X_L_
240 @ 7.9 MHz
5,2
15 @ 7.9 MHz
800
0.16
0.95
Violet
B1
0603LS-271X_L_
270 @ 7.9 MHz
5,2
15 @ 7.9 MHz
775
0.30
0.71
Gray
B1
0603LS-331X_L_
330 @ 7.9 MHz
5,2
15 @ 7.9 MHz
725
0.46
0.56
White
B1
0603LS-391X_L_
390 @ 7.9 MHz
5,2
15 @ 7.9 MHz
620
0.51
0.50
Black
B1
0603LS-471X_L_
470 @ 7.9 MHz
5,2
15 @ 7.9 MHz
540
0.62
0.42
Brown
B1
0603LS-561X_L_
560 @ 7.9 MHz
5,2
15 @ 7.9 MHz
525
0.44
0.55
Red
B1
0603LS-681X_L_
680 @ 7.9 MHz
5,2
15 @ 7.9 MHz
260
0.52
0.47
Orange
B2
0603LS-781X_L_
780 @ 7.9 MHz
5,2
15 @ 7.9 MHz
460
0.83
0.39
Yellow
B1
0603LS-821X_L_
820 @ 7.9 MHz
5,2
15 @ 7.9 MHz
410
0.69
0.40
Green
B2
0603LS-102X_L_
1000 @ 7.9 MHz
5,2
15 @ 7.9 MHz
190
0.81
0.40
Blue
B2
0603LS-122X_L_
1200 @ 7.9 MHz
5,2
15 @ 7.9 MHz
160
0.87
0.37
Violet
B2
0603LS-152X_L_
1500 @ 7.9 MHz
5,2
15 @ 7.9 MHz
100
0.96
0.35
Gray
B2
0603LS-182X_L_
1800 @ 7.9 MHz
5,2
15 @ 7.9 MHz
80
1.1
0.35
White
B2
0603LS-222X_L_
2200 @ 7.9 MHz
5,2
15 @ 7.9 MHz
68
1.2
0.32
Black
B2
0603LS-272X_L_
2700 @ 7.9 MHz
5,2
15 @ 7.9 MHz
60
1.5
0.28
Brown
B2
0603LS-332X_L_
3300 @ 7.9 MHz
5,2
15 @ 7.9 MHz
42
1.5
0.28
Red
B2
0603LS-392X_L_
3900 @ 7.9 MHz
5,2
15 @ 7.9 MHz
40
1.6
0.28
Orange
B2
0603LS-472X_L_
4700 @ 7.9 MHz
5,2
15 @ 7.9 MHz
34
2.1
0.26
Yellow
B2
0603LS-562X_L_
5600 @ 7.9 MHz
5,2
15 @ 7.9 MHz
32
2.6
0.24
Green
B2
0603LS-682X_L_
6800 @ 7.9 MHz
5,2
15 @ 7.9 MHz
31
3.1
0.20
Black
B2
0603LS-782X_L_
7800 @ 7.9 MHz
5,2
15 @ 7.9 MHz
28
3.5
0.20
Blue
B2
0603LS-822X_L_
8200 @ 7.9 MHz
5,2
15 @ 7.9 MHz
26
3.6
0.19
Violet
B2
0603LS-103X_L_ 10,000 @ 2.5 MHz
5,2
12 @ 2.5 MHz
25
4.8
0.18
Gray
B2
0603LS-153X_L_ 15,000 @ 2.5 MHz
5,2
20 @ 2.5 MHz
23
7.1
0.17
White
B2
0603LS-183X_L_ 18,000 @ 2.5 MHz
5,2
20 @ 2.5 MHz
22
7.6
0.16
Brown
B2
0603LS-223X_L_ 22,000 @ 2.5 MHz
5,2
22 @ 2.5 MHz
19
8.81
0.13
Black
B2
1. When ordering, specify
tolerance,termination and packaging codes:
0603LS-822XJLC
Tolerance:
G = 2% J = 5% (Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
E = Halogen free component. RoHS compliant silver-
palladium-platinum-glass frit terminations.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
2. Inductance measured at 0.1Vrms, using Coilcraft SMD-A fixture
in Agilent/HP 4286A impedance analyzer with Coilcraft-provided
correlation pieces.
3. Q measured on Agilent/HP 4395A with Agilent/HP 16193 test fixture.
4. SRF measured using Agilent/HP 8753D network analyzer with Coilcraft
SMD-D test fixture.
5. DCR measured on CambridgeTechnology Micro-ohmmeter.
6. Current that causes a 15°C temperature rise from 25°C ambient.
Because of their open construction, these parts will not saturate.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
A
B
overall
C
Pick and
place
material
D
Terminal wraparound:
approx 0.008/0,20 both ends
I
I
J
F
F
G
H
E
terminal
Recommended
Land Pattern
Note: B1 = 0.040 ±0.004 in / 1,016 ±0,102 mm
B2 = 0.046 ±0.004 in / 1,169 ±0,102 mm
Height dimension (C) is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.
A
C
D
max
B
max
ref
E
F
G
H
I
J
0.071
0.044 0.015 0.030 0.013 0.034 0.040 0.025 0.025 inches
1,80
1,12 0,38 0,76 0,33 0,86 1,02 0,64 0,64 mm
See
note




Html Pages

1  2 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl