Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD600R20PC Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SD600R20PC
Descripción Electrónicos  Standard Recovery Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD600R20PC Datasheet(HTML) 3 Page - Vishay Siliconix

  SD600R20PC Datasheet HTML 1Page - Vishay Siliconix SD600R20PC Datasheet HTML 2Page - Vishay Siliconix SD600R20PC Datasheet HTML 3Page - Vishay Siliconix SD600R20PC Datasheet HTML 4Page - Vishay Siliconix SD600R20PC Datasheet HTML 5Page - Vishay Siliconix SD600R20PC Datasheet HTML 6Page - Vishay Siliconix SD600R20PC Datasheet HTML 7Page - Vishay Siliconix SD600R20PC Datasheet HTML 8Page - Vishay Siliconix SD600R20PC Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 93551
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 17-Apr-08
3
SD600N/R Series
Standard Recovery Diodes
(Stud Version), 600 A
Vishay Semiconductors
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
R
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.012
0.008
TJ = TJ maximum
K/W
120°
0.014
0.014
90°
0.017
0.019
60°
0.025
0.026
30°
0.042
0.042
80
90
100
110
120
130
140
150
160
170
180
0
100
200
300
400
500
600
700
30°
60°
90°
120°
180°
Average Forward Current (A)
Cond uction Angle
R
(DC) = 0.1 K/ W
thJC
SD600N/ RSeries (400V to 2000V)
70
80
90
100
110
120
130
140
150
160
170
180
0
200
400
600
800
1000
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Cond uction Period
R
(DC) = 0.1 K/ W
thJC
SD600N/ RSeries (400V to 2000V)
50
60
70
80
90
100
110
120
130
140
150
0
100
200
300
400
500
600
700
30°
60°
90°
120°
180°
Average Forward Current (A)
Cond uction Angle
SD600N/ RSeries (2500V to 3200V)
R
(DC) = 0.1 K/ W
thJC
30
40
50
60
70
80
90
100
110
120
130
140
150
0
200
400
600
800
1000
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduction Period
SD600N/ RSeries(2500V to 3200V)
R
(DC) = 0.1 K/ W
thJC


Número de pieza similar - SD600R20PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD600R IRF-SD600R Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
More results

Descripción similar - SD600R20PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com