Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD600N Datasheet(PDF) 6 Page - Vishay Siliconix

No. de Pieza. SD600N
Descripción  Standard Recovery Diodes
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SD600N Datasheet(HTML) 6 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93551
6
Revision: 17-Apr-08
SD600N/R Series
Vishay Semiconductors
Standard Recovery Diodes
(Stud Version), 600 A
Fig. 13 - Forward Voltage Drop Characteristics
Fig. 14 - Forward Voltage Drop Characteristics
Fig. 15 - Thermal Impedance ZthJC Characteristics
100
1000
10000
012
3
4
T = 25°C
J
InstantaneousForward Voltage (V)
T = 180°C
J
SD600N/ RSeries
(400V to 2000V)
100
1000
10000
01
23
45
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
J
SD600N/ RSeries
(2500V to 3200V)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value:
R
= 0.1 K/ W
(DC Operation)
thJC
SD600N/ RSeries


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn