Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD600N Datasheet(PDF) 7 Page - Vishay Siliconix

No. de Pieza. SD600N
Descripción  Standard Recovery Diodes
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SD600N Datasheet(HTML) 7 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 93551
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 17-Apr-08
7
SD600N/R Series
Standard Recovery Diodes
(Stud Version), 600 A
Vishay Semiconductors
ORDERING INFORMATION TABLE
Device code
5
13
24
67
SD
60
0
N
32
P
C
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
N = Stud normal polarity (cathode to stud)
R = Stud reverse polarity (anode to stud)
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-
P = Stud base B-8 3/4" 16UNF-2A
7
-
C = Ceramic cap
For metric device M24 x 1.5 contact factory
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95303


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn