Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD600N Datasheet(PDF) 8 Page - Vishay Siliconix

No. de Pieza. SD600N
Descripción  Standard Recovery Diodes
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SD600N Datasheet(HTML) 8 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 95303
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 11-Apr-08
1
B-8
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
26 (1.023) MAX.
10.5 (0.41) DIA.
5 (0.20) ± 0.3 (0.01)
12 (0.47) MIN.
27.5 (1.08)
MAX.
38 (1.5)
DIA. MAX.
Ceramic housing
SW 45
C.S. 70 mm
2
21 (0.83) MAX.
3/4"-16UNF-2A *
115 (4.52) MIN.
245 (9.645)
255 (10.04)
80 (3.15)
MAX.
47 (1.85)
MAX.
*For metric device: M24 x 1.5 - length 21 (0.83) MAX.
contact factory


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn