Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD600N Datasheet(PDF) 1 Page - Vishay Siliconix

No. de Pieza. SD600N
Descripción  Standard Recovery Diodes
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SD600N Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 93551
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 17-Apr-08
1
Standard Recovery Diodes
(Stud Version), 600 A
SD600N/R Series
Vishay Semiconductors
FEATURES
• Wide current range
• High voltage ratings up to 3200 V
• High surge current capabilities
• Stud cathode and stud anode version
• Standard JEDEC types
• Compression bonded encapsulations
•RoHS complaint
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
600 A
B-8
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
SD600N/R
UNITS
04 to 20
22 to 32
IF(AV)
600
A
TC
92
54
°C
IF(RMS)
940
A
IFSM
50 Hz
13 000
10 500
60 Hz
13 600
11 000
I2t
50 Hz
845
551
kA2s
60 Hz
772
503
VRRM
Range
400 to 2000
2200 to 3200
V
TJ
- 40 to 180
- 40 to 150
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
SD600N/R
04
400
500
35
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
22
2200
2300
28
2800
2900
32
3200
3300


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn