Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD600N Datasheet(PDF) 2 Page - Vishay Siliconix

No. de Pieza. SD600N
Descripción  Standard Recovery Diodes
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SD600N Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93551
2
Revision: 17-Apr-08
SD600N/R Series
Vishay Semiconductors
Standard Recovery Diodes
(Stud Version), 600 A
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
SD600N/R
UNITS
04 to 20
22 to 32
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
600
A
92
54
°C
570
375
A
100
°C
Maximum RMS forward current
IF(RMS)
DC at TC = 75 °C (04 to 20), TC = 36 °C (25 to 32)
940
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
13 000
10 500
t = 8.3 ms
13 600
11 000
t = 10 ms
100 % VRRM
reapplied
10 900
8830
t = 8.3 ms
11 450
9250
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
845
551
kA2s
t = 8.3 ms
772
503
t = 10 ms
100 % VRRM
reapplied
598
390
t = 8.3 ms
546
356
Maximum I2
t for fusing
I2
t
t = 0.1 to 10 ms, no voltage reapplied
8450
5510
kA2
s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)),
TJ = TJ maximum
0.78
0.84
V
High level value of threshold voltage
VF(TO)2
(I >
 x I
F(AV)), TJ = TJ maximum
0.87
0.88
Low level value of forward
slope resistance
rf1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)),
TJ = TJ maximum
0.35
0.40
m
High level value of forward
slope resistance
rf2
(I >
 x I
F(AV)), TJ = TJ maximum
0.31
0.38
Maximum forward voltage drop
VFM
Ipk = 1500 A, TJ = TJ maximum,
tp = 10 ms sinusoidal wave
1.31
1.44
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
SD600N/R
UNITS
04 to 20
22 to 32
Maximum junction operating
temperature range
TJ
- 40 to 180 - 40 to 150
°C
Maximum storage temperature range
TStg
- 55 to 200
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.1
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.04
Maximum allowed
mounting torque ± 10 %
Not-lubricated threads
50
Nm
Approximate weight
454
g
Case style
See dimensions (link at the end of datasheet)
B-8


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn