Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD600N Datasheet(PDF) 3 Page - Vishay Siliconix

No. de Pieza. SD600N
Descripción  Standard Recovery Diodes
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SD600N Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 93551
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 17-Apr-08
3
SD600N/R Series
Standard Recovery Diodes
(Stud Version), 600 A
Vishay Semiconductors
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
R
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.012
0.008
TJ = TJ maximum
K/W
120°
0.014
0.014
90°
0.017
0.019
60°
0.025
0.026
30°
0.042
0.042
80
90
100
110
120
130
140
150
160
170
180
0
100
200
300
400
500
600
700
30°
60°
90°
120°
180°
Average Forward Current (A)
Cond uction Angle
R
(DC) = 0.1 K/ W
thJC
SD600N/ RSeries (400V to 2000V)
70
80
90
100
110
120
130
140
150
160
170
180
0
200
400
600
800
1000
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Cond uction Period
R
(DC) = 0.1 K/ W
thJC
SD600N/ RSeries (400V to 2000V)
50
60
70
80
90
100
110
120
130
140
150
0
100
200
300
400
500
600
700
30°
60°
90°
120°
180°
Average Forward Current (A)
Cond uction Angle
SD600N/ RSeries (2500V to 3200V)
R
(DC) = 0.1 K/ W
thJC
30
40
50
60
70
80
90
100
110
120
130
140
150
0
200
400
600
800
1000
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduction Period
SD600N/ RSeries(2500V to 3200V)
R
(DC) = 0.1 K/ W
thJC


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn