Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD600N Datasheet(PDF) 4 Page - Vishay Siliconix

No. de Pieza. SD600N
Descripción  Standard Recovery Diodes
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SD600N Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93551
4
Revision: 17-Apr-08
SD600N/R Series
Vishay Semiconductors
Standard Recovery Diodes
(Stud Version), 600 A
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Forward Power Loss Characteristics
20
40
60
80
100 120 140 160 180
Maximum Allowable Amb ient Temperature (°C)
1 K/W
0.0
8
K
/W
0.1
K/W
0.2
K/ W
0.4
K/ W
0.6 K
/ W
1.8 K/W
0
100
200
300
400
500
600
700
800
0
100
200
300
400
500
600
180°
120°
90°
60°
30°
RMSLimit
Cond uc tion Angle
Average Forward Current (A)
SD600N/ RSeries
(400V to 2000V)
T = 180°C
J
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
1 K/ W
R
=
0.0
2K
/ W
- D
e
lta
R
0.0
4
K/
W
0.0
8
K/ W
0.1K
/W
0.2
K/ W
0.4 K/
W
0.6 K/ W
1.8 K/ W
0
100
200
300
400
500
600
700
800
900
1000
1100
0
200
400
600
800
1000
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
SD600N/ RSeries
(400V to 2000V)
T = 180°C
J
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
1 K/ W
R
=
0.0
2
K/W
- D
elt
a
R
0.0
4
K/
W
0.06
K/W
0.1
K/W
0.2
K/W
0.4 K/W
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
600
180°
120°
90°
60°
30°
RMSLimit
Conduction Angle
Average Forward Current (A)
SD600N/ RSeries
(2500V to 3200V)
T = 150°C
J


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn