Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD600R Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SD600R
Descripción Electrónicos  Standard Recovery Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD600R Datasheet(HTML) 5 Page - Vishay Siliconix

  SD600R Datasheet HTML 1Page - Vishay Siliconix SD600R Datasheet HTML 2Page - Vishay Siliconix SD600R Datasheet HTML 3Page - Vishay Siliconix SD600R Datasheet HTML 4Page - Vishay Siliconix SD600R Datasheet HTML 5Page - Vishay Siliconix SD600R Datasheet HTML 6Page - Vishay Siliconix SD600R Datasheet HTML 7Page - Vishay Siliconix SD600R Datasheet HTML 8Page - Vishay Siliconix SD600R Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 93551
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 17-Apr-08
5
SD600N/R Series
Standard Recovery Diodes
(Stud Version), 600 A
Vishay Semiconductors
Fig. 8 - Forward Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
Fig. 11 - Maximum Non-Repetitive Surge Current
Fig. 12 - Maximum Non-Repetitive Surge Current
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
1 K/W
R
=
0.0
2
K/ W
- D
elta
R
th
SA
0.0
4 K
/ W
0.0
6 K
/ W
0.1
K/ W
0.2 K
/ W
0.4 K/ W
0
100
200
300
400
500
600
700
800
900
1000
1100
0
100 200 300 400 500 600 700 800 900
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
SD600N/ RSeries
(2500V to 3200V)
T = 150°C
J
2000
4000
6000
8000
10000
12000
110
100
Number Of Equal Amplitude Ha lf Cyc le Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Initial T = 180°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
SD600N/ RSeries
(400V to 2000V)
2000
4000
6000
8000
10000
12000
14000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
VersusPulse Train Duration.
Initial T = 180 °C
No Voltag e Reapp lied
Rated V
Reapplied
RRM
J
SD600N/ RSeries
(400V to 2000V)
2000
4000
6000
8000
10000
110
100
Number Of Eq ual Amplitude Half Cycle Current Pulses (N)
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
SD600N/ RSeries
(2500V to 3200V)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
2000
4000
6000
8000
10000
12000
0.01
0.1
1
Pulse Train Duration (s)
Initial T = 150 °C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
VersusPulse Train Duration.
SD600N/ RSeries
(2500V to 3200V)
Maximum Non Repetitive Surge Current


Número de pieza similar - SD600R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD600R IRF-SD600R Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
More results

Descripción similar - SD600R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com