Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2343DS-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI2343DS-T1-E3
Descripción Electrónicos  P-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2343DS-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI2343DS-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI2343DS-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI2343DS-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI2343DS-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI2343DS-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI2343DS-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI2343DS-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI2343DS-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI2343DS-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 72079
S09-0133-Rev. B, 02-Feb-09
www.vishay.com
3
Vishay Siliconix
Si2343DS
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
3
6
9
12
15
012345
VGS = 10 thru 5 V
3 V
VDS - Drain-to-Source Voltage (V)
4 V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0369
12
15
VGS = 4.5 V
VGS = 10 V
ID - Drain Current (A)
0
2
4
6
8
10
0369
12
15
VDS =15 V
ID = 4.0 A
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
3
6
9
12
15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
- 55 °C
VGS - Gate-to-Source Voltage (V)
TC = 125 °C
25 °C
0
200
400
600
800
1000
0
5
10
15
20
25
30
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.0 V
ID = 4.0 A
TJ - Junction Temperature (°C)


Número de pieza similar - SI2343DS-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
SI2343DS-T1-GE3 VBSEMI-SI2343DS-T1-GE3 Datasheet
485Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Descripción similar - SI2343DS-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com