Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6286 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza 2N6286
Descripción Electrónicos  Darlington ComplementarySilicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6286 Datasheet(HTML) 3 Page - ON Semiconductor

  2N6286 Datasheet HTML 1Page - ON Semiconductor 2N6286 Datasheet HTML 2Page - ON Semiconductor 2N6286 Datasheet HTML 3Page - ON Semiconductor 2N6286 Datasheet HTML 4Page - ON Semiconductor 2N6286 Datasheet HTML 5Page - ON Semiconductor 2N6286 Datasheet HTML 6Page - ON Semiconductor 2N6286 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N6284 (NPN); 2N6286, 2N6287 (PNP)
http://onsemi.com
3
Figure 2. Switching Times Test Circuit
10
0.2
Figure 3. Switching Times
IC, COLLECTOR CURRENT (AMP)
7.0
2.0
1.0
0.7
0.5
0.1
0.3
0.7
3.0
20
0.2
1.0
5.0
0.3
3.0
5.0
0.5
2.0
7.0
0
VCC
- 30 V
SCOPE
TUT
+ 4.0 V
tr, tf v 10 ns
DUTY CYCLE = 1.0%
RC
D1 MUST BE FAST RECOVERY TYPE e.g.,
1N5825 USED ABOVE IB [ 100 mA
MSD6100 USED BELOW IB [ 100 mA
25
ms
D1
51
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
V2
APPROX
+ 8.0 V
V1
APPROX
- 12 V
[ 8.0 k
[ 50
FOR td AND tr, D1 IS DISCONNECTED
AND V2 = 0
FOR NPN TEST CIRCUIT REVERSE ALL POLARITIES
RB
10
td @ VBE(off) = 0 V
tf
ts
tr
2N6284 (NPN)
2N6287 (PNP)
VCC = 30 Vdc
IC/IB = 250
IB1 = IB2
TJ = 25°C
Figure 4. Thermal Response
t, TIME OR PULSE WIDTH (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
500
RqJC(t) = r(t) RqJC
RqJC = 1.09°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.05
0.1
0.02
0.01
0.3
3.0
30
300


Número de pieza similar - 2N6286

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2N6286 MOSPEC-2N6286 Datasheet
211Kb / 4P
   POWER TRANSISTORS(20A,160W)
logo
Inchange Semiconductor ...
2N6286 ISC-2N6286 Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
2N6286 ONSEMI-2N6286 Datasheet
214Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
New Jersey Semi-Conduct...
2N6286 NJSEMI-2N6286 Datasheet
229Kb / 2P
   COLLECTOR-EMITTER VOLTAGE
logo
Boca Semiconductor Corp...
2N6286 BOCA-2N6286 Datasheet
218Kb / 4P
   DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
More results

Descripción similar - 2N6286

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MJD6039 ONSEMI-MJD6039 Datasheet
80Kb / 5P
   Darlington Power Transistors
January, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS
REV 1
MJD6039 ONSEMI-MJD6039_12 Datasheet
188Kb / 5P
   Darlington Power Transistors
February, 2012 ??Rev. 9
logo
List of Unclassifed Man...
GE10015 ETC-GE10015 Datasheet
183Kb / 1P
   Darlington Power Transistors
logo
NEC
2SD1296 NEC-2SD1296 Datasheet
151Kb / 1P
   Darlington Power Transistors
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
TAITRON Components Inco...
TIP100 TAITRON-TIP100 Datasheet
240Kb / 4P
   Darlington Power Transistors (NPN)
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com