Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2N6284G Datasheet(PDF) 5 Page - ON Semiconductor

No. de Pieza. 2N6284G
Descripción  Darlington ComplementarySilicon Power Transistors
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

2N6284G Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2N6284 (NPN); 2N6286, 2N6287 (PNP)
http://onsemi.com
5
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
0.5 0.7 1.0
2.0
20
500
300
TJ = 150°C
25
°C
-55
°C
VCE = 3.0 V
200
7.0
NPN
2N6284
PNP
2N6287
20,000
5000
10,000
3000
2000
1000
3.0
5.0
IC, COLLECTOR CURRENT (AMP)
700
500
TJ = 150°C
25
°C
-55
°C
300
30,000
10,000
20,000
5000
3000
1000
7000
700
10
VCE = 3.0 V
0.2 0.3
0.5 0.7 1.0
2.0
20
7.0
3.0
5.0
10
7000
2000
Figure 9. Collector Saturation Region
3.0
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
1.0
3.0
IB, BASE CURRENT (mA)
0.5
1.0
2.0 3.0
5.0 7.0
50
2.6
2.2
1.8
1.4
IC = 5.0 A
10 A
15 A
1.0
0.7
30
20
0.5
1.0
2.0 3.0
5.0 7.0
50
0.7
30
20
IC = 5.0 A
10 A
15 A
10
10
TJ = 25°C
TJ = 25°C
IC, COLLECTOR CURRENT (AMP)
VBE(sat) @ IC/IB = 250
Figure 10. “On” Voltages
IC, COLLECTOR CURRENT (AMP)
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
TJ = 25°C
VBE @ VCE = 3.0 V
VCE(sat) @ IC/IB = 250
TJ = 25°C
0.2 0.3
0.5 0.7 1.0
2.0
20
7.0
3.0
5.0
3.0
2.5
2.0
1.5
1.0
0.5
3.0
2.5
2.0
1.5
1.0
0.5
10
0.2 0.3
0.5 0.7 1.0
2.0
20
7.0
3.0
5.0
10
VBE @ VCE = 3.0 V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn