Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAV25080 Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza CAV25080
Descripción Electrónicos  8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV25080 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAV25080 Datasheet HTML 5Page - ON Semiconductor CAV25080 Datasheet HTML 6Page - ON Semiconductor CAV25080 Datasheet HTML 7Page - ON Semiconductor CAV25080 Datasheet HTML 8Page - ON Semiconductor CAV25080 Datasheet HTML 9Page - ON Semiconductor CAV25080 Datasheet HTML 10Page - ON Semiconductor CAV25080 Datasheet HTML 11Page - ON Semiconductor CAV25080 Datasheet HTML 12Page - ON Semiconductor CAV25080 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CAV25080, CAV25160
http://onsemi.com
9
READ OPERATIONS
Read from Memory Array
To read from memory, the host sends a READ instruction
followed by a 16−bit address (see Table 11 for the number
of significant address bits).
After receiving the last address bit, the CAV25080/160
will respond by shifting out data on the SO pin (as shown in
Figure 9). Sequentially stored data can be read out by simply
continuing to run the clock. The internal address pointer is
automatically incremented to the next higher address as data
is shifted out. After reaching the highest memory address,
the address counter “rolls over” to the lowest memory
address, and the read cycle can be continued indefinitely.
The read operation is terminated by taking CS high.
Read Status Register
To read the status register, the host simply sends a RDSR
command. After receiving the last bit of the command, the
CAV25080/160 will shift out the contents of the status
register on the SO pin (Figure 10). The status register may
be read at any time, including during an internal write cycle.
While the internal write cycle is in progress, the RDSR
command will output the full content of the status register.
For easy detection of the internal write cycle completion,
both during writing to the memory array and to the status
register, we recommend sampling the RDY bit only through
the polling routine. After detecting the RDY bit “0”, the next
RDSR instruction will always output the expected content
of the status register.
Figure 9. READ Timing
SCK
SI
SO
BYTE ADDRESS*
012
3456
78
9
7
6
5
4
3
2
1
0
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
21
20
22 23 24 25 26 27 28 29 30
00
00
0
1
1
Dashed Line = mode (1, 1)
A0
AN
CS
* Please check the Byte Address Table (Table 11)
0
10
Figure 10. RDSR Timing
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
00
0
0
0
1
0
1
Dashed Line = mode (1, 1)
CS


Número de pieza similar - CAV25080

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
CAV25080VE-GT3 ONSEMI-CAV25080VE-GT3 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
More results

Descripción similar - CAV25080

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com