Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM317 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza LM317
Descripción Electrónicos  1.5 A Adjustable Output Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317 Datasheet(HTML) 1 Page - ON Semiconductor

  LM317 Datasheet HTML 1Page - ON Semiconductor LM317 Datasheet HTML 2Page - ON Semiconductor LM317 Datasheet HTML 3Page - ON Semiconductor LM317 Datasheet HTML 4Page - ON Semiconductor LM317 Datasheet HTML 5Page - ON Semiconductor LM317 Datasheet HTML 6Page - ON Semiconductor LM317 Datasheet HTML 7Page - ON Semiconductor LM317 Datasheet HTML 8Page - ON Semiconductor LM317 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 Semiconductor Components Industries, LLC, 2013
April, 2013 − Rev. 13
1
Publication Order Number:
LM317/D
LM317, NCV317
1.5 A Adjustable Output,
Positive Voltage Regulator
The LM317 is an adjustable 3−terminal positive voltage regulator
capable of supplying in excess of 1.5 A over an output voltage range of
1.2 V to 37 V. This voltage regulator is exceptionally easy to use and
requires only two external resistors to set the output voltage. Further, it
employs internal current limiting, thermal shutdown and safe area
compensation, making it essentially blow−out proof.
The LM317 serves a wide variety of applications including local, on
card regulation. This device can also be used to make a programmable
output regulator, or by connecting a fixed resistor between the
adjustment and output, the LM317 can be used as a precision current
regulator.
Features
Output Current in Excess of 1.5 A
Output Adjustable between 1.2 V and 37 V
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting Constant with Temperature
Output Transistor Safe−Area Compensation
Floating Operation for High Voltage Applications
Available in Surface Mount D2PAK−3, and Standard 3−Lead
Transistor Package
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
Eliminates Stocking many Fixed Voltages
These are Pb−Free Devices
Figure 1. Standard Application
**Cin is required if regulator is located an appreciable distance from power supply filter.
**CO is not needed for stability, however, it does improve transient response.
Since IAdj is controlled to less than 100 mA, the error associated with this term is
negligible in most applications.
Vout + 1.25V 1 )
R
2
R
1
) I
Adj
R
2
LM317
Vin
Vout
R1
240
R2
Adjust
IAdj
Cin*
0.1
mF
+ C
O**
1.0
mF
TO−220
T SUFFIX
CASE 221AB
Pin 1. Adjust
2. Vout
3. Vin
D2PAK−3
D2T SUFFIX
CASE 936
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
3
1
2
Heatsink surface connected to Pin 2.
3
1
2
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 10 of this data sheet.
DEVICE MARKING INFORMATION


Número de pieza similar - LM317

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
LM317 TGS-LM317 Datasheet
157Kb / 3P
   3-Terminal Positive Adjustable Regulator
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317 ETL-LM317 Datasheet
255Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM317 STMICROELECTRONICS-LM317 Datasheet
1Mb / 34P
    1.2 V to 37 V adjustable voltage regulators
Rev 22 - December 2021
More results

Descripción similar - LM317

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317_06 Datasheet
146Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com