Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSOP59136 Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza TSOP59136
Descripción Electrónicos  IR Receiver Modules for Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP59136 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP59136 Datasheet HTML 1Page - Vishay Siliconix TSOP59136 Datasheet HTML 2Page - Vishay Siliconix TSOP59136 Datasheet HTML 3Page - Vishay Siliconix TSOP59136 Datasheet HTML 4Page - Vishay Siliconix TSOP59136 Datasheet HTML 5Page - Vishay Siliconix TSOP59136 Datasheet HTML 6Page - Vishay Siliconix TSOP59136 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
New Product
TSOP581.., TSOP583.., TSOP591.., TSOP593.., TSOP585.., TSOP595..
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 23-Feb-11
5
Document Number: 82462
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUITABLE DATA FORMAT
These products are designed to suppress spurious output
pulses due to noise or disturbance signals. Data and
disturbance signals can be distinguished by the devices
according to carrier frequency, burst length and envelope
duty cycle. The data signal should be close to the
band-pass center frequency (e.g. 38 kHz) and fulfill the
conditions in the table below.
When a data signal is applied to the IR receiver in the
presence of a disturbance signal, the sensitivity of the
receiver is reduced to insure that no spurious pulses are
present at the output. Some examples of disturbance
signals which are suppressed are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signals at any frequency
• Modulated IR signals from common fluorescent lamps
(example of noise pattern is shown in fig. 15 or fig. 16)
Fig. 15 - IR Signal from Fluorescent Lamp
with Low Modulation
Fig. 16 - IR Signal from Fluorescent Lamp
with High Modulation
Note
• For data formats with long bursts (more than 10 carrier cycles) please see the datasheet for TSOP582.., TSOP592.., TSOP584.., TSOP594..
010
15
20
Time (ms)
16920
5
010
15
20
Time (ms)
16921
5
TSOP581.., TSOP591..
TSOP583.., TSOP593..
TSOP585.., TSOP595..
Minimum burst length
6 cycles/burst
6 cycles/burst
6 cycles/burst
After each burst of length
a minimum gap time is required of
6 to 70 cycles
≥ 10 cycles
6 to 35 cycles
≥ 10 cycles
6 to 24 cycles
≥ 10 cycles
For bursts greater than
a minimum gap time in the data stream is needed of
70 cycles
> 1.1 x burst length
35 cycles
> 6 x burst length
24 cycles
> 25 ms
Maximum number of continuous short bursts/second
2000
2000
2000
Recommended for NEC code
yes
yes
yes
Recommended for RC5/RC6 code
yes
yes
yes
Recommended for Sony code
yes
no
no
Recommended for RECS-80 code
yes
yes
yes
Recommended for RCMM code
yes
yes
yes
Recommended for r-step code
yes
yes
yes
Recommended for XMP code
yes
yes
yes
Suppression of interference from fluorescent lamps
Common disturbance
signals are supressed
(example: signal pattern
of fig. 14)
Internference signals
from lamps with high
modulation are suppressed
(examples: signal pattern
of fig. 14 and fig. 15)
Even critical disturbance
signals like dimmed
LCD backlighting
are suppressed


Número de pieza similar - TSOP59136

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSOP59136 VISHAY-TSOP59136 Datasheet
149Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 18-Jul-08
More results

Descripción similar - TSOP59136

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com