Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSOP59356 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
TSOP59356 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 7 page New Product TSOP581.., TSOP583.., TSOP591.., TSOP593.., TSOP585.., TSOP595.. www.vishay.com Vishay Semiconductors Rev. 1.0, 23-Feb-11 2 Document Number: 82462 THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note • Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability. TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) Fig. 1 - Output Active Low Fig. 2 - Pulse Length and Sensitivity in Dark Ambient ABSOLUTE MAXIMUM RATINGS PARAMETER TEST CONDITION SYMBOL VALUE UNIT Supply voltage VS - 0.3 to + 6 V Supply current IS 5mA Output voltage VO - 0.3 to 5.5 V Voltage at output to supply VS - VO - 0.3 to (VS + 0.3) V Output current IO 5mA Junction temperature Tj 100 °C Storage temperature range Tstg - 25 to + 85 °C Operating temperature range Tamb - 25 to + 85 °C Power consumption Tamb ≤ 85 °C Ptot 10 mW Soldering temperature t ≤ 10 s, 1 mm from case Tsd 260 °C ELECTRICAL AND OPTICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT Supply voltage VS 2.5 5.5 V Supply current VS = 5 V, Ev = 0 ISD 0.55 0.7 0.9 mA Ev = 40 klx, sunlight ISH 0.8 mA Transmission distance Ev = 0, IR diode TSAL6200, IF = 250 mA, test signal see fig. 1 d40 m Output voltage low IOSL = 0.5 mA, Ee = 0.7 mW/m2, test signal see fig. 1 VOSL 100 mV Minimum irradiance Pulse width tolerance: tpi - 5/fo < tpo < tpi + 6/fo, test signal see fig. 1 Ee min. 0.2 0.4 mW/m2 Maximum irradiance tpi - 5/fo < tpo < tpi + 6/fo, test signal see fig. 1 Ee max. 50 W/m2 Directivity Angle of half transmission distance ϕ1/2 ± 45 deg Ee T tpi *) t VO VOH VOL tpo 2) t 14337 Optical Test Signal (IR diode TSAL6200, IF = 0.4 A, N = 6 pulses, f = f0, t = 10 ms) Output Signal td 1) 1) 3/f 0 < td < 9/f0 2) t pi - 4/f0 < tpo < tpi + 6/f0 *) tpi ≥ 6/f0 is recommended for optimal function 0 0.1 0.2 0.3 0.4 0.5 0.1 10 1000 100 000 E e - Irradiance (mW/m 2) Output pulse width Input burst length λ = 950 nm, optical test signal, Fig. 1 |
Número de pieza similar - TSOP59356 |
|
Descripción similar - TSOP59356 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |