Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6-104074-6 Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza 6-104074-6
Descripción Electrónicos  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104074-6 Datasheet(HTML) 1 Page - Tyco Electronics

  6-104074-6 Datasheet HTML 1Page - Tyco Electronics 6-104074-6 Datasheet HTML 2Page - Tyco Electronics 6-104074-6 Datasheet HTML 3Page - Tyco Electronics 6-104074-6 Datasheet HTML 4Page - Tyco Electronics 6-104074-6 Datasheet HTML 5Page - Tyco Electronics 6-104074-6 Datasheet HTML 6Page - Tyco Electronics 6-104074-6 Datasheet HTML 7Page - Tyco Electronics 6-104074-6 Datasheet HTML 8Page - Tyco Electronics 6-104074-6 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
25
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU System 50 Connectors
AMPMODU Interconnection System
3
The AMPMODU System 50
connector family includes a
wide variety of high density
board-to-board (thru-hole
and surface-mount) and
cable-to-board connectors.
AMPMODU System 50 is
composed of one- and two-
row receptacles and post
headers on .050 x .100
[1.27 x 2.54] spacing
between contacts for
extreme density and
efficient use of printed
circuit board area.
AMPMODU System 50
receptacles and header
assemblies can be
categorized in three groups:
board-mount headers,
board-mount receptacles
and cable-to-board
receptacles. Receptacle
contacts and mating .015
[0.38] square posts are
formed from high
conductivity copper alloy
and are selectively plated
with gold to promote higher
performance and reliability.
Board-mounted thru-hole
post headers and
receptacle connectors are
available for right-angle
and vertical mating
configurations. Surface-
mounted connectors are
available in vertical, double
row styles for parallel
stacking applications.
Shrouded post headers
provide polarization to
mating cable receptacles
and aid alignment of mating
connectors. Unshrouded
headers allow close
stacking of daughter cards.
Vertical stacking connectors
space parallel mated
boards as shown in the
illustration on page 63.
Housings on all board-
mount assemblies are made
of high temperature tolerant
materials and incorporate
stand-offs for free drainage
of flux cleaning solutions.
Cable-to-board connectors
have integral latches for
positive locking to shrouded
mating headers (thru-hole or
surface-mount). Ribbon
cable connectors mass
terminate 30 AWG [0.05
mm2] solid and 32 AWG
[0.03 mm2] stranded, .025
[0.64] centerline ribbon
cable with PVC or Teflon®
insulation.
Connectors for mass
termination to FFC cable or
flexible etched circuitry
have dual beam contacts;
options include shielded
cable and solder tabs. Both
types of cable connectors
are available as component
parts and as completed
assemblies.
The variety of components
and application possibilities,
combined with small size
and outstanding quality,
make AMPMODU
System 50 suitable for high
density systems.
Recognized under the
Component Program of
Underwriters
Laboratories Inc.
File No. E28476
Certified by
Canadian Standards
Association*,
File No. LR 7189
*CSA certification pending on certain products,
as noted.
Dimensioning:
Dimensions are in inches and millimeters.
Values in brackets are metric equivalents. Metric
symbols used are:
mm (millimeter)
cm (centimeter)
m (meter)
mm2 (square millimeter)
C (Celsius)
N (newton)
kg (kilogram)
Produced under a
Quality Management
System certified
to ISO 9001
A copy of the
certificate is available
upon request.
R
R
ISO
Certified
9001
Double Row, .025
Ribbon Cable
Mount Receptacle
(Page 56)
(Page 52)
(Page 38)
(Page 44)
(Page 45)
(Page 39)
(Page 31)
(Page 29)
(Page 50)
(Page 27)
(Page 28)
(Page 33)
(Page 50)
(Page 32)
(Page 37)
(Page 30)
(Page 34)
(Page 40)
Teflon® is a trademark of E.I. du Pont de
Nemours and Company.


Número de pieza similar - 6-104074-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
6-104074-6 MACOM-6-104074-6 Datasheet
193Kb / 1P
   HEADER ASSEMBLY, RIGHT ANGLE SINGLE ROW, W/SIDE & END LATCHES AMPMODU SYSTEM 50
More results

Descripción similar - 6-104074-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com