Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
5-104069-7 Datasheet(PDF) 3 Page - Tyco Electronics |
|
5-104069-7 Datasheet(HTML) 3 Page - Tyco Electronics |
3 / 60 page 27 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Thru-Hole Headers––Shrouded, .050 x .100 [1.27 x 2.54] Centerline, Board-to-Board (Continued) AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 3 Single Row, Right-Angle with Solder Clips Material and Finish Housing — Glass-filled thermoplastic, black, 94V-0 rated Contacts — Copper alloy; duplex plated .000030 [0.00076] gold in mating area, .000150 [0.00381] tin on solder posts, with entire contact underplated .000050 [0.00127] nickel Related Product Data Performance Characteristics — page 63 Mateable Connectors — pages 38, 49 & 50 PC Board Hole Layout — page 41 Technical Documents — page 64 Product Specification 108-1093 Application Specification 114-25031 No. of Dimension Part Numbers Pos. A 4 .330 [8.38] 5-104074-7 5 .380 [9.65] 5-104074-2 6 .430 [10.92] 5-104074-8 8 .530 [13.46] 6-104074-0 10 .630 [16.00] 5-104074-1 12 .730 [18.54] 6-104074-1 15 .880 [22.35] 5-104074-3 20 1.130 [28.70] 5-104074-4 22 1.230 [31.24] 6-104074-4 25 1.380 [35.05] 5-104074-5 28 1.530 [38.86] 7-104074-0 30 1.630 [41.40] 5-104074-6 36 1.930 [49.02] 6-104074-6 40 2.130 [54.10] 6-104074-7 45 2.380 [60.45] 6-104074-8 50 2.630 [66.80] 6-104074-9 *Circuit identification feature omitted on 4, 5 and 6 position headers. Notes: 1. Solder Clips located as shown for 10 through 30 position headers. 2. Solder Clips located as shown for 4 through 8 and 36 through 50 position headers. Circuit Identification Feature* See Note 2. See Note 1. Solder Clip .100 [2.54] .060 [1.52] 2 Plc. |
Número de pieza similar - 5-104069-7 |
|
Descripción similar - 5-104069-7 |