Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0-1103434-3 Datasheet(Hoja de datos) 1 Page - Tyco Electronics

No. de Pieza. 0-1103434-3
Descripción  Power4Net Hybrid Connector for Industrial Automation
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo 

   
 1 page
background image
Hybrid Connectivity
Power4Net Hybrid Connector
for Industrial Automation
TE Connectivity’s (TE) Power4Net hybrid connector with 8 power and 4 signal
contacts has been designed for machine automation applications that require a higher
performance data connection and power of up to 10 A. The connector provides highly
reliable connection technology and meets the demanding durability and quality
requirements of real-time Ethernet applications in industrial automation. Combining
power supply and signal into one single connector provides customers with greater
flexibility in machine architecture. With VARAN-bus standard compatibility, the
connector supports, for example, fast change over times of molds in molding machines,
and simplified cabling reduces installation time by up to 50%.




Html Pages

1  2  3  4