Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NM25C041 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza NM25C041
Descripción Electrónicos  4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM25C041 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NM25C041 Datasheet HTML 1Page - Fairchild Semiconductor NM25C041 Datasheet HTML 2Page - Fairchild Semiconductor NM25C041 Datasheet HTML 3Page - Fairchild Semiconductor NM25C041 Datasheet HTML 4Page - Fairchild Semiconductor NM25C041 Datasheet HTML 5Page - Fairchild Semiconductor NM25C041 Datasheet HTML 6Page - Fairchild Semiconductor NM25C041 Datasheet HTML 7Page - Fairchild Semiconductor NM25C041 Datasheet HTML 8Page - Fairchild Semiconductor NM25C041 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
NM25C041 Rev. D.1
AC Test Conditions (Continued)
FIGURE 1. Synchronous Data Timing

,



,,



CS
SCK
SI
SO
HI-Z
HI-Z
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
OH
V
OL
t
CSS
t
CSH
t
CSN
t
DIS
t
DIN
t
DF
t
PD
t
PD
t
CLH
t
CLL
HOLD
SCK
SO
t
HZ
t
LZ
t
HDN
t
HDS
t
HDN
t
HDS
DS800002-4
DS800002-6
FIGURE 2. HOLD Timing


Número de pieza similar - NM25C041

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8 FAIRCHILD-NM25C040EM8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8X FAIRCHILD-NM25C040EM8X Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EMT8 FAIRCHILD-NM25C040EMT8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EMT8X FAIRCHILD-NM25C040EMT8X Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
More results

Descripción similar - NM25C041

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
logo
Renesas Technology Corp
R1EX25002ASA00G RENESAS-R1EX25002ASA00G Datasheet
573Kb / 22P
   Serial Peripheral Interface 2k EEPROM 4k EEPROM
logo
Fairchild Semiconductor
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com