Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


NM25C640 Datasheet(Hoja de datos) 5 Page - Fairchild Semiconductor

No. de Pieza. NM25C640
Descripción  64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

 
 5 page
background image
5
www.fairchildsemi.com
NM25C640 Rev. D.2
AC Test Conditions (Continued)
FIGURE 1. Synchronous Data Timing Diagram
FIGURE 3. SPI Serial Interface
SI
SO
SCK
CS
DATA OUT (MOSI)
DATA IN (MISO)
SERIAL CLOCK (CLK)
SS0
SS1
SS2
SS3
SI
SO
SCK
CS
SI
SO
SCK
CS
SI
SO
SCK
CS
SPI
CHIP
SELECTION
MASTER MCU
NM25C640
DS500041-3
DS500041-4
SCK
HOLD
SO
tHZ
tHDN
tHDS
tHDN
tHDS
tLZ
DS500041-6
FIGURE 2. Hold Timing
,
,,



CS
SCK
SI
SO
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
tCSS
tCSH
tCSN
tDIS
tPD
tDH
tDF
tDIN
tCLH
tCLL




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NM25C0202K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C0404K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C16016K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C04L4096-Bit Serial Interface CMOS EEPROM Serial Peripheral Interface Synchronous Bus 1 2 3 4 5 MoreNational Semiconductor (TI)
NM25C0414K-Bit Serial Interface CMOS EEPROM Serial Peripheral Interface SPI™ Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
FM93C06256-Bit Serial CMOS EEPROM MICROWIRE™ Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM93C562048-Bit Serial CMOS EEPROM MICROWIRE™ Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
AK6510CSPI bus 32K/64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
FM93C461024-Bit Serial CMOS EEPROM MICROWIRE™ Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM93C56A2K-Bit Serial CMOS EEPROM MICROWIRE™ Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl