Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NM25C640 Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de Pieza. NM25C640
Descripción  64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

NM25C640 Datasheet(HTML) 8 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
NM25C640 Rev. D.2
Functional Description (Continued)
WRITE SEQUENCE: To program the device, the WRITE PRO-
TECT (WP) pin must be held high and two separate instructions
must be executed. The chip must first be write enabled via the
WRITE ENABLE instruction and then a WRITE instruction must
be executed. Moreover, the address of the memory location(s) to
be programmed must be outside the protected address field
selected by the Block Write Protection Level. See Table 3.
A WRITE command requires the following sequence. The CS line
is pulled low to select the device, then the WRITE op-code is
transmitted on the SI line followed by the high order address byte
(A12-A8) and the low order address byte (A7–A0). The leading
five bits in the high order address byte will be ignored. The address
is followed by the data (D7–D0) to be written. Programming will
start after the CS pin is forced back to a high level. Note that the
LOW to HIGH transition of the CS pin must occur during the SCK
low time immediately after clocking in the D0 data bit. See Figure
10.
FIGURE 10. End of WRITE Sequence
SCK
SI
SO
CS





D0
D1
D2


CS
SI
SO
Write
Op-Code
Byte H
Addr (n)
Byte L
Addr (n)
Data
(n)
Data
(n+1)
Data
(n+2)
Data
(n+3)
. . .
Data
(n+31)


CS
SI
SO
WRSR
Op-Code
SR Data
xxxxBP1BP0xx
DS500041-12
DS500041-13
The READY/BUSY status of the device can be determined by
executing a READ STATUS REGISTER (RDSR) instruction. Bit 0
= 1 indicates that the WRITE cycle is still in progress and Bit 0 =
0 indicates that the WRITE cycle has ended. During the WRITE
programming cycle (Bit 0 = 1) only the READ STATUS REGIS-
TER instruction is enabled.
The NM25C640 is capable of a 32 byte PAGE WRITE operation.
After receipt of each byte of data the five low order address bits are
internally incremented by one. The eight high order bits of the
address will remain constant. If the master should transmit more
than 32 bytes of data, the address counter will “roll over,” and the
previously loaded data will be reloaded. See Figure 11.
FIGURE 11. 32 Byte Page Write
At the completion of a WRITE cycle the device is automatically
returned to the write disable state.
If the device is not WRITE enabled, the device will ignore the
WRITE instruction and return to the standby state when CS is
forced high. A new CS falling edge is required to re-initialize the
serial communication.
WRITE STATUS REGISTER (WRSR): The WRITE STATUS
REGISTER (WRSR) instruction is used to program the non-
volatile status register Bits 2 and 3 (BP0 and BP1). The WRITE
PROTECT (WP) pin must be held high and two separate instruc-
tions must be executed. The chip must first be write enabled via
the WRITE ENABLE instruction and then a WRSR instruction
must be executed.
The WRSR command requires the following sequence. The CS
line is pulled low to select the device and then the WRSR op-code
is transmitted on the SI line followed by the data to be pro-
grammed. See Figure 12.
FIGURE 12. Write Status Register
DS500041-14
Note that the first four bits are don’t care bits followed by BP1 and
BP0 then two additional don’t care bits. Programming will start
after the CS pin is forced back to a high level. As in the WRITE
instruction the LOW to HIGH transition of the CS pin must occur
during the SCK low time immediately after clocking in the last don’t
care bit. See Figure 13.
FIGURE 13. Start WRSR Condition
The READY/BUSY status of the device can be determined by
executing a READ STATUS REGISTER (RDSR) instruction. Bit 0
= 1 indicates that the WRSR cycle is still in progress and Bit 0 =
0 indicates that the WRSR cycle has ended.
At the completion of a WRITE cycle the device is automatically
returned to the write disable state.
BP0
SCK
SI
SO
CS


DS500041-15


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn