Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


NM25C640 Datasheet(Hoja de datos) 2 Page - Fairchild Semiconductor

No. de Pieza. NM25C640
Descripción  64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

 
 2 page
background image
2
www.fairchildsemi.com
NM25C640 Rev. D.2
Connection Diagram
Dual-In-Line Package (N)
and SO Package (M8)
Top View
Pin Names
CS
Chip Select Input
SO
Serial Data Output
WP
Write Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Suspends Serial Data
V
CC
Power Supply
Ordering Information
NM
25
C
XX
LZ E
XX
Letter
Description
Package
N
8-Pin DIP
M8
8-Pin SO
Temp. Range
None
0 to 70
°C
V
-40 to +125
°C
E
-40 to +85
°C
Voltage Operating Range
Blank
4.5V to 5.5V
L
2.7V to 4.5V
LZ
2.7V to 4.5V and
<1
µA Standby Current
Density/Mode
640
64K, mode 0
C
CMOS
Interface
25
SPI
NM
Fairchild Nonvolatile
Memory
CS
SO
WP
VSS
VCC
HOLD
SCK
SI
8
7
6
5
1
2
3
4
NM25C640
DS500041-2




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NM25C0202K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C0404K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C16016K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C04L4096-Bit Serial Interface CMOS EEPROM Serial Peripheral Interface Synchronous Bus 1 2 3 4 5 MoreNational Semiconductor (TI)
NM25C0414K-Bit Serial Interface CMOS EEPROM Serial Peripheral Interface SPI™ Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
FM93C06256-Bit Serial CMOS EEPROM MICROWIRE™ Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM93C562048-Bit Serial CMOS EEPROM MICROWIRE™ Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
AK6510CSPI bus 32K/64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
FM93C461024-Bit Serial CMOS EEPROM MICROWIRE™ Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM93C56A2K-Bit Serial CMOS EEPROM MICROWIRE™ Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl