Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC856A-7-F Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza BC856A-7-F
Descripción Electrónicos  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC856A-7-F Datasheet(HTML) 4 Page - Diodes Incorporated

  BC856A-7-F Datasheet HTML 1Page - Diodes Incorporated BC856A-7-F Datasheet HTML 2Page - Diodes Incorporated BC856A-7-F Datasheet HTML 3Page - Diodes Incorporated BC856A-7-F Datasheet HTML 4Page - Diodes Incorporated BC856A-7-F Datasheet HTML 5Page - Diodes Incorporated BC856A-7-F Datasheet HTML 6Page - Diodes Incorporated BC856A-7-F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BC856A – BC858C
Document Number: DS112072 Rev. 22 - 2
4 of 7
www.diodes.com
Feb. 2013
© Diodes Incorporated
BC856A-BC858C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BC856
BVCBO
-80
V
IC = -10µA
BC857
-50
BC858
-30
Collector-Emitter Breakdown Voltage
(Note 10)
BC856
BVCEO
-65
V
IC = -10mA
BC857
-45
BC858
-30
Emitter-Base Breakdown Voltage
BVEBO
-5
V
IE = -1µA
Collector Cutoff Current
ICBO
-15
µA
VCB = -30V
-4
VCB = -30V, TA = +150°C
Collector Emitter Cutoff Current
BC856
ICES
-15
nA
VCE = -80V
BC857
-15
VCE = -50V
BC858
-15
VCE = -30V
Small Signal Current Gain
(Note 10)
BC856A / BC857A / BC858A
hfe
200
IC = -2.0mA, VCE = -5V
f = 1.0kHz
BC856B / BC857B / BC858B
330
BC857C / BC858C
600
Input Impedance (Note 10)
BC856A / BC857A / BC858A
hie
2.7
kΩ
BC856B / BC857B / BC858B
4.5
BC857C / BC858C
8.7
Output Admittance
(Note 10)
BC856A / BC857A / BC858A
hoe
18
µS
BC856B / BC857B / BC858B
30
BC857C / BC858C
60
Reverse Voltage Transfer
Ratio (Note 10)
BC856A / BC857A / BC858A
hre
1.5x10
-4
BC856B / BC857B / BC858B
2x10
-4
BC857C / BC858C
3x10
-4
DC Current Gain (Note 10)
BC856A / BC857A / BC858A
hFE
125
180
250
IC = -2.0mA, VCE = -5V
BC856B / BC857B / BC858B
220
290
475
BC857C / BC858C
420
520
800
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
-75
-300
mV
IC = - 10mA, IB = -0.5mA
-250
-650
IC = - 100mA, IB = -5.0mA
Base-Emitter Turn-On Voltage (Note 10)
VBE(on)
-600
-650
-750
mV
IC = -2mA, VCE = -5V
-820
IC = -10mA, VCE = -5V
Base-Emitter Saturation Voltage (Note 10)
VBE(sat)
-700
mV
IC = -10mA, IB = -0.5mA
-850
IC = -100mA, IB = -5mA
Output Capacitance
Cobo
3
pF
VCB = -10V, f = 1.0MHz
Transition Frequency
fT
100
200
MHz
VCE = -5V, IC = -10mA,
f = 100MHz
Noise Figure
NF
2
10
dB
VCE = -5V, IC = -200µA
RS = 2kΩ, f = 1kHz
∆f = 200Hz
Notes:
10. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%


Número de pieza similar - BC856A-7-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BC856A-7-F DIODES-BC856A-7-F Datasheet
269Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
More results

Descripción similar - BC856A-7-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bruckewell Technology L...
BC856A BWTECH-BC856A Datasheet
405Kb / 5P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA55 DIODES-MMBTA55_15 Datasheet
471Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
BC856A DIODES-BC856A_15 Datasheet
359Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_11 Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC846A BWTECH-BC846A Datasheet
388Kb / 5P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
   60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
   150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com