Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5414459-1 Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza 5414459-1
Descripción Electrónicos  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

5414459-1 Datasheet(HTML) 1 Page - Tyco Electronics

  5414459-1 Datasheet HTML 1Page - Tyco Electronics 5414459-1 Datasheet HTML 2Page - Tyco Electronics 5414459-1 Datasheet HTML 3Page - Tyco Electronics 5414459-1 Datasheet HTML 4Page - Tyco Electronics 5414459-1 Datasheet HTML 5Page - Tyco Electronics 5414459-1 Datasheet HTML 6Page - Tyco Electronics 5414459-1 Datasheet HTML 7Page - Tyco Electronics 5414459-1 Datasheet HTML 8Page - Tyco Electronics 5414459-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
44
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
BNC Connectors (50 ohm/75 ohm)
Product Facts
Bayonet lock coupling for
quick connect/disconnect
Various connectors available
in 50 and 75 ohm versions
Fully intermateable with
comparable BNC UG/U
connectors
Full range of Hex Crimp
and O Crimp Products for
common coaxial cables.
Low VSWR
Single crimp connectors
offer one crimping operation
for fast application
Twist-on connectors require
no special tooling for
application to the cable
Field serviceable (Category
A) connectors qualified to
MIL-C-39012
Field replaceable (Category
C) plugs with captivated
center contact
Field replaceable plugs can
be terminated with industry
standard tooling
Tarnish resistant Nickel
finish available
Choice of different dielectrics
Listed under the Component
Program of Underwriters
Laboratories Inc.,
File No. E81956
PC Board soldered
connectors are recognized
under the Component
Program of Underwriters
Laboratories Inc.,
File No. E81956
Certified by Canadian
Standards
Association
File No. LR 7189
Between Series Adapters
For BNC Between Series Adapters, see
pages 251-260.
R
R
R
The Tyco Electronics BNC
RF connector family with
bayonet locking coupling
provides highly reliable,
quick connect/disconnect
coaxial connections.
Exclusive single and
O crimp terminations allow
positive insulation grip
and require no soldering,
providing terminations at
a very low overall applied
cost.
Available in both 50 and 75
ohm versions, these con-
nectors feature numerous
styles including cable plugs
and jacks, adapters and
printed circuit board con-
nectors. In addition to a
variety of crimp type termi-
nations, connectors are fur-
nished in field replaceable
and twist-on styles. These
connectors accept a wide
range of coaxial cables and
are intermateable with
industry standard connec-
tors designed to MIL-C-
39012 specifications.
Tyco Electronics can also
supply low cost alternatives
with an extensive commer-
cial type product line. A
lower cost consumer series
product offers the capability
to supply center contacts in
strip form and allow for auto-
mated center contact crimp
technology. All connectors
are designed around the
mil-specifications, but utilize
low-cost materials, offering
comparable mechanical
and electrical performance.
Product Specifications —
108-1275 — BNC Ohm Terminators
108-12020 — BNC O Crimp
Connectors
108-12044 — BNC Commercial Hex
Crimp
108-12047 — BNC Commercial and
Hex Crimp Connectors
108-12074 — BNC Solder Jacks
108-12075 — BNC Connectors
(Category A)
108-12078 — BNC Commercial PCB
Panel-Mount Jacks
108-12002 — BNC Commercial
T Adapter
108-12095 — BNC Commercial 75
Ohm Connectors
108-12096 — BNC Commercial Feed-
Thru and Bulkhead
Adapters
108-12079 — BNC Commercial 50
Ohm Solder Jacks
108-12103 — BNC Commercial PCB
Press Fit Jacks
Application Specifications —
114-12001 — BNC Commercial PCB
Jack Press Fit
Performance Specifications —
Page 45
Material Specifications — Page 46
Tooling — Pages 266-268
Military Category — All MIL type
O crimp connectors are Category B Type
(Tyco Electronics Crimp Tooling), unless
otherwise noted.
Packaging — All MIL Type connectors
are packaged individually, all O crimp
connectors are bulk packaged and all Hex
crimp connectors are individually pack-
aged unless otherwise noted.
Related Product Data


Número de pieza similar - 5414459-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
5414459-1 TEC-5414459-1 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Descripción similar - 5414459-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
   75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
   50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com