Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD580KH Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD580KH
Descripción Electrónicos  High Precision, 2.5 V IC Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD580KH Datasheet(HTML) 1 Page - Analog Devices

  AD580KH Datasheet HTML 1Page - Analog Devices AD580KH Datasheet HTML 2Page - Analog Devices AD580KH Datasheet HTML 3Page - Analog Devices AD580KH Datasheet HTML 4Page - Analog Devices AD580KH Datasheet HTML 5Page - Analog Devices AD580KH Datasheet HTML 6Page - Analog Devices AD580KH Datasheet HTML 7Page - Analog Devices AD580KH Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
High Precision,
2.5 V IC Reference
AD580
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Laser-trimmed to high accuracy: 2.500 V ±0.4%
3-terminal device: voltage in/voltage out
Excellent temperature stability: 10 ppm/°C (AD580M, U)
Excellent long-term stability: 250 μV (25 μV/month)
Low quiescent current: 1.5 mA maximum
Small, hermetic IC package: TO-52 can
MIL-STD-883 compliant versions available
FUNCTIONAL BLOCK DIAGRAM
+E
–E
EOUT
BOTTOM
VIEW
Figure 1.
GENERAL DESCRIPTION
The AD580 is a 3-terminal, low cost, temperature-compensated,
bandgap voltage reference, which provides a fixed 2.5 V output
for inputs between 4.5 V and 30 V. A unique combination of
advanced circuit design and laser-wafer trimmed thin film
resistors provide the AD580 with an initial tolerance of ±0.4%, a
temperature stability of better than 10 ppm/°C, and long-term
stability of better than 250 μV. In addition, the low quiescent
current drain of 1.5 mA maximum offers a clear advantage over
classical Zener techniques.
The AD580 is recommended as a stable reference for all 8-, 10-,
and 12-bit D/A converters that require an external reference. In
addition, the wide input range of the AD580 allows operation
with 5 volt logic supplies, making the AD580 ideal for digital
panel meter applications or whenever only a single logic power
supply is available.
The AD580J, K, L, and M are specified for operation over the
0°C to +70°C temperature range; the AD580S, T, and U are
specified for operation over the extended temperature range of
–55°C to +125°C.
PRODUCT HIGHLIGHTS
1.
Laser-trimming of the thin film resistors minimizes the
AD580 output error. For example, the AD580L output
tolerance is ±10 mV.
2.
The three-terminal voltage in/voltage out operation of the
AD580 provides regulated output voltage without any
external components.
3.
The AD580 provides a stable 2.5 V output voltage for input
voltages between 4.5 V and 30 V. The capability to provide
a stable output voltage using a 5 V input makes the AD580
an ideal choice for systems that contain a single logic
power supply.
4.
Thin film resistor technology and tightly controlled bipolar
processing provide the AD580 with temperature stabilities
to 10 ppm/°C and long-term stability better than 250 μV.
5.
The low quiescent current drain of the AD580 makes it
ideal for CMOS and other low power applications.
6.
The AD580 is available in versions compliant with MIL-
STD-883. Refer to the Analog Devices Military Products
Data Book or the current AD580/AD883B data sheet for
detailed specifications.


Número de pieza similar - AD580KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD580KH AD-AD580KH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580KH AD-AD580KH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
More results

Descripción similar - AD580KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
   2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com