Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NM27C512Q Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza NM27C512Q
Descripción Electrónicos  524,288-Bit (64K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C512Q Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NM27C512Q Datasheet HTML 1Page - Fairchild Semiconductor NM27C512Q Datasheet HTML 2Page - Fairchild Semiconductor NM27C512Q Datasheet HTML 3Page - Fairchild Semiconductor NM27C512Q Datasheet HTML 4Page - Fairchild Semiconductor NM27C512Q Datasheet HTML 5Page - Fairchild Semiconductor NM27C512Q Datasheet HTML 6Page - Fairchild Semiconductor NM27C512Q Datasheet HTML 7Page - Fairchild Semiconductor NM27C512Q Datasheet HTML 8Page - Fairchild Semiconductor NM27C512Q Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.fairchildsemi.com
NM27C512
524,288-Bit (64K x 8) High Performance CMOS EPROM
General Description
The NM27C512 is a high performance 512K UV Erasable Electri-
cally Programmable Read Only Memory (EPROM). It is manufac-
tured using Fairchild’s proprietary CMOS AMG™ EPROM tech-
nology for an excellent combination of speed and economy while
providing excellent reliability.
The NM27C512 provides microprocessor-based systems storage
capacity for portions of operating system and application soft-
ware. Its 90 ns access time provides no wait-state operation with
high-performance CPUs. The NM27C512 offers a single chip
solution for the code storage requirements of 100% firmware-
based equipment. Frequently-used software routines are quickly
executed from EPROM storage, greatly enhancing system utility.
The NM27C512 is configured in the standard JEDEC EPROM
pinout which provides an easy upgrade path for systems which are
currently using standard EPROMs.
Block Diagram
July 1998
The NM27C512 is one member of a high density EPROM Family
which range in densities up to 4 Megabit.
Features
s High performance CMOS
— 90 ns access time
s Fast turn-off for microprocessor compatibility
s Manufacturers identification code
s JEDEC standard pin configuration
— 28-pin PDIP package
— 32-pin chip carrier
— 28-pin CERDIP package
DS010834-1
AMG is a trademark of WSI, Inc.
© 1998 Fairchild Semiconductor Corporation
Output Enable and
Chip Enable Logic
Y Decoder
X Decoder
Output
Buffers
524,288-Bit
Cell Matrix
Data Outputs O0 - O7
VCC
GND
VPP
OE
CE/PGM
A0 - A15
Address
Inputs


Número de pieza similar - NM27C512Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
National Semiconductor (TI)
National Semiconductor ...
NM27C512Q120 NSC-NM27C512Q120 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512Q150 NSC-NM27C512Q150 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512Q200 NSC-NM27C512Q200 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512Q90 NSC-NM27C512Q90 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512QE120 NSC-NM27C512QE120 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results

Descripción similar - NM27C512Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
National Semiconductor (TI)
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
Fairchild Semiconductor
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
National Semiconductor (TI)
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
Fairchild Semiconductor
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
Macronix International
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
NXP Semiconductors
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
Cypress Semiconductor
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
AMIC Technology
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz