Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
5413959-3 Datasheet(PDF) 5 Page - Tyco Electronics |
|
5413959-3 Datasheet(HTML) 5 Page - Tyco Electronics |
5 / 34 page 48 Catalog 1307191 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 3-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 RF Coax Connectors BNC Connectors, 50 Ohm (Continued) Plugs, Crimp (Continued) L Max. 14.53 [.572] Dia. Max. L Max. Single Crimp 14.53 [.572] Dia. Max. Hex and O Crimp Interchangeable Dies CERTI-CRIMP for PRO-CRIMPER Interchangeable RG/U Termination Body Dim. Hand Tool Hand Tool 354940-1 Dies for Hand Part No. Cable Type Plating Dielectric Style L with or Tool 69710-1 Integral Die PRO-CRIMPER & 626 Pneu. Adapter 679304-1 Head 318161-1 Hex Crimp Nickel Polyethylene Commercial 33.53 — 58436-12 — 5221128-13 1.320 O Crimp Nickel Polyethylene Commercial 27.69 220187-1 58435-11 220217-1 5227079-5 58, 58A, 1.090 58B, 58C O Crimp Nickel TEFLON MIL Type 33.74 2 69478-1 220189-3 69727- 5225395-1 1.328 Single Crimp Silver TEFLON MIL Type 33.33 2 — 91904-4 69223-1 2-5329444-1 1.312 BELDEN Hex Crimp Nickel Polyethylene Commercial 33.53 — 58436-12 — 1-5221128-0 88240, 1.320 BERK-TEK O Crimp Nickel Polyethylene Commercial 33.33 220187-1 58435-11 220217-1 4-5227079-3 BTDC-58, 1.312 COMM/ O Crimp Nickel TEFLON MIL Type 33.33 2 69478-1 220189-3 69727- 4-5225395-2 SCOPE 2135 1.312 O Crimp Nickel Polyethylene Commercial 27.69 220187-1 58435-11 220217-1 5227079-6 223, 1.280 55, 55A, O Crimp Nickel TEFLON MIL Type 43.64 2 69478-1 220189-3 69727- 5225395-3 55B 1.718 Single Crimp Silver TEFLON MIL Type 33.33 — 91904-3 69424- 2-5329444-2 1.312 O Crimp Nickel Polyethylene Commercial 27.69 220187-1 58435-11 220217-1 6-5227079-1 1.090 142, 142A, O Crimp Nickel TEFLON MIL Type 30.18 2 69478-1 220189-3 69727- 5225395-6 142B, 400 1.188 Single Crimp Silver TEFLON MIL Type 33.33 2 69331-1 — 69429-1 2-5330358-2 1.312 Consult Tyco Electronics for recommended crimp tooling. 1 Order Tyco Electronics PRO-CRIMPER Coaxial “O” Crimp Hand Tool assembly 58433-1, which includes dies 58435-1. 2 Order Tyco Electronics PRO-CRIMPER Coaxial Hex Crimp Hand Tool assembly 58433-2, which includes dies 58436-1. 3 Bulk packaged. Note: Part Numbers are RoHS compliant except: Indicates non-RoHS compliant. BELDEN is a trademark of Belden Wire and Cable Company. BERK-TEK is a trademark of Nexans, Inc. COMM/SCOPE is a trademark of Commscope, Inc. TEFLON is a trademark of E.I. Dupont de Nemours and Company. |
Número de pieza similar - 5413959-3 |
|
Descripción similar - 5413959-3 |