Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NM93C46 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de Pieza. NM93C46
Descripción  1024-Bit Serial CMOS EEPROM (MICROWIRE™ Synchronous Bus)
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

NM93C46 Datasheet(HTML) 1 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
www.fairchildsemi.com
NM93C46 Rev. E
February 2000
© 2000 Fairchild Semiconductor International
NM93C46
1024-Bit Serial CMOS EEPROM
(MICROWIRE™ Synchronous Bus)
General Description
NM93C46 is a 1024-bit CMOS non-volatile EEPROM organized
as 64 x 16-bit array. This device features MICROWIRE interface
which is a 4-wire serial bus with chipselect (CS), clock (SK), data
input (DI) and data output (DO) signals. This interface is compat-
ible to many of standard Microcontrollers and Microprocessors.
There are 7 instructions implemented on the NM93C46 for various
Read, Write, Erase, and Write Enable/Disable operations. This
device is fabricated using Fairchild Semiconductor floating-gate
CMOS process for high reliability, high endurance and low power
consumption.
“LZ” and “L” versions of NM93C46 offer very low standby current
making them suitable for low power applications. This device is
offered in both SO and TSSOP packages for small space consid-
erations.
Functional Diagram
Features
I Wide V
CC 2.7V - 5.5V
I Typical active current of 200µA
10
µA standby current typical
1
µA standby current typical (L)
0.1
µA standby current typical (LZ)
I No Erase instruction required before Write instruction
I Self timed write cycle
I Device status during programming cycles
I 40 year data retention
I Endurance: 1,000,000 data changes
I Packages available: 8-pin SO, 8-pin DIP, 8-pin TSSOP
INSTRUCTION
DECODER
CONTROL LOGIC
AND CLOCK
GENERATORS
HIGH VOLTAGE
GENERATOR
AND
PROGRAM
TIMER
INSTRUCTION
REGISTER
ADDRESS
REGISTER
EEPROM ARRAY
READ/WRITE AMPS
DATA IN/OUT REGISTER
16 BITS
DECODER
16
16
DATA OUT BUFFER
CS
SK
DI
DO
VSS
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn