Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NM93C56 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de Pieza. NM93C56
Descripción  2048-Bit Serial CMOS EEPROM (MICROWIRE™ Synchronous Bus)
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

NM93C56 Datasheet(HTML) 3 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.fairchildsemi.com
NM93C56 Rev. E
Absolute Maximum Ratings (Note 1)
Ambient Storage Temperature
-65
°C to +150°C
All Input or Output Voltages
+6.5V to -0.3V
with Respect to Ground
Lead Temperature
(Soldering, 10 sec.)
+300
°C
ESD rating
2000V
Operating Conditions
Ambient Operating Temperature
NM93C56
0
°C to +70°C
NM93C56E
-40
°C to +85°C
NM93C56V
-40
°C to +125°C
Power Supply (V
CC)
4.5V to 5.5V
DC and AC Electrical Characteristics V
CC = 4.5V to 5.5V unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
I
CCA
Operating Current
CS = V
IH, SK=1.0 MHz
1
mA
ICCS
Standby Current
CS = VIL
50
µA
I
IL
Input Leakage
V
IN = 0V to VCC
±-1
µA
IOL
Output Leakage
(Note 2)
V
IL
Input Low Voltage
-0.1
0.8
V
V
IH
Input High Voltage
2
V
CC +1
V
OL1
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH1
Output High Voltage
I
OH = -400 µA
2.4
VOL2
Output Low Voltage
IOL = 10 µA
0.2
V
V
OH2
Output High Voltage
I
OH = -10 µAVCC - 0.2
fSK
SK Clock Frequency
(Note 3)
1
MHz
t
SKH
SK High Time
0
°C to +70°C
250
ns
-40
°C to +125°C
300
t
SKL
SK Low Time
250
ns
t
SKS
SK Setup Time
50
ns
t
CS
Minimum CS Low Time
(Note 4)
250
ns
t
CSS
CS Setup Time
100
ns
t
DH
DO Hold Time
70
ns
t
DIS
DI Setup Time
100
ns
t
CSH
CS Hold Time
0
ns
t
DIH
DI Hold Time
20
ns
t
PD
Output Delay
500
ns
t
SV
CS to Status Valid
500
ns
t
DF
CS to DO in Hi-Z
CS = V
IL
100
ns
t
WP
Write Cycle Time
10
ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn