Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4817-1ARD-EBZ Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADA4817-1ARD-EBZ
Descripción Electrónicos  Low Noise, 1 GHz FastFET Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ARD-EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4817-1ARD-EBZ Datasheet HTML 5Page - Analog Devices ADA4817-1ARD-EBZ Datasheet HTML 6Page - Analog Devices ADA4817-1ARD-EBZ Datasheet HTML 7Page - Analog Devices ADA4817-1ARD-EBZ Datasheet HTML 8Page - Analog Devices ADA4817-1ARD-EBZ Datasheet HTML 9Page - Analog Devices ADA4817-1ARD-EBZ Datasheet HTML 10Page - Analog Devices ADA4817-1ARD-EBZ Datasheet HTML 11Page - Analog Devices ADA4817-1ARD-EBZ Datasheet HTML 12Page - Analog Devices ADA4817-1ARD-EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADA4817-1/ADA4817-2
Rev. B | Page 9 of 28
0.5
–0.5
100k
10G
FREQUENCY (Hz)
1M
10M
100M
1G
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
G= 2, SS
G= 2, LS
G = 1, LS
G=1, SS
Figure 14. 0.1 dB Flatness Frequency Response vs. Gain and Output Voltage
–20
–140
100k
100M
FREQUENCY (Hz)
–40
–60
–80
–100
–120
1M
10M
HD2, RL = 100Ω
HD2, RL = 1kΩ
HD3, RL = 1kΩ
HD3, RL = 100Ω
Figure 15. Distortion vs. Frequency for Various Loads, VOUT = 2 V p-p
–20
–140
100k
100M
FREQUENCY (Hz)
–40
–60
–80
–100
–120
1M
10M
HD3, VS = 10V
HD3, VS = 5V
HD2, VS = 10V
HD2, VS = 5V
Figure 16. Distortion vs. Frequency for Various Supplies, G = 2, VOUT = 2 V p-p
6
3
0
–3
–6
–9
–12
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
TA = +25°C, SINGLE
TA = +25°C, DUAL
TA = –40°C, SINGLE
TA = –40°C, DUAL
TA = +105°C, SINGLE
TA = +105°C, DUAL
Figure 17. Small Signal Frequency Response vs. Temperature
–20
–140
100k
100M
FREQUENCY (Hz)
–40
–60
–80
–100
–120
1M
10M
HD2, VS = 10V
HD3, VS = 10V
HD2, VS = 5V
HD3, VS = 5V
Figure 18. Distortion vs. Frequency for Various Supplies, VOUT = 2 V p-p
–20
–140
06
OUTPUT VOLTAGE (V p-p)
–40
–60
–80
–100
–120
12
345
HD2, RL = 100Ω
fC = 1MHz
HD2, RL = 1kΩ
HD3, RL = 100Ω
HD3, RL = 1kΩ
Figure 19. Distortion vs. Output Voltage for Various Loads


Número de pieza similar - ADA4817-1ARD-EBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4817-1ARDZ AD-ADA4817-1ARDZ Datasheet
624Kb / 25P
   Low Noise, 1 GHz FastFET Op Amps
ADA4817-1ARDZ-R7 AD-ADA4817-1ARDZ-R7 Datasheet
624Kb / 25P
   Low Noise, 1 GHz FastFET Op Amps
ADA4817-1ARDZ-RL AD-ADA4817-1ARDZ-RL Datasheet
624Kb / 25P
   Low Noise, 1 GHz FastFET Op Amps
More results

Descripción similar - ADA4817-1ARD-EBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4817-1 AD-ADA4817-1 Datasheet
525Kb / 24P
   Low Noise, 1 GHz FastFET Op Amps
REV. 0
ADA4817-1 AD-ADA4817-1_16 Datasheet
624Kb / 25P
   Low Noise, 1 GHz FastFET Op Amps
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com