Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5453YRMZ Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD5453YRMZ
Descripción Electrónicos  8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5453YRMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5453YRMZ Datasheet HTML 2Page - Analog Devices AD5453YRMZ Datasheet HTML 3Page - Analog Devices AD5453YRMZ Datasheet HTML 4Page - Analog Devices AD5453YRMZ Datasheet HTML 5Page - Analog Devices AD5453YRMZ Datasheet HTML 6Page - Analog Devices AD5453YRMZ Datasheet HTML 7Page - Analog Devices AD5453YRMZ Datasheet HTML 8Page - Analog Devices AD5453YRMZ Datasheet HTML 9Page - Analog Devices AD5453YRMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5450/AD5451/AD5452/AD5453
Data Sheet
Rev. G | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Transient currents of up to 100 mA do not cause SCR latch-up.
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VREF, RFB to GND
−12 V to +12 V
IOUT1 to GND
−0.3 V to +7 V
Input Current to Any Pin Except Supplies
±10 mA
Logic Inputs and Output1
−0.3 V to VDD + 0.3 V
Operating Temperature Range, Extended
(Y Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
8-Lead MSOP
206°C/W
8-Lead TSOT
211°C/W
Lead Temperature, Soldering (10 sec)
300°C
IR Reflow, Peak Temperature (<20 sec)
235°C
1
Overvoltages at SCLK, SYNC, and SDIN are clamped by internal diodes.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Número de pieza similar - AD5453YRMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YRMZ-REEL AD-AD5453YRMZ-REEL Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YRMZ-REEL7 AD-AD5453YRMZ-REEL7 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

Descripción similar - AD5453YRMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com