Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7392AR-REEL Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD7392AR-REEL
Descripción Electrónicos  3 V, Parallel Input Micropower 10-/12-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7392AR-REEL Datasheet(HTML) 1 Page - Analog Devices

  AD7392AR-REEL Datasheet HTML 1Page - Analog Devices AD7392AR-REEL Datasheet HTML 2Page - Analog Devices AD7392AR-REEL Datasheet HTML 3Page - Analog Devices AD7392AR-REEL Datasheet HTML 4Page - Analog Devices AD7392AR-REEL Datasheet HTML 5Page - Analog Devices AD7392AR-REEL Datasheet HTML 6Page - Analog Devices AD7392AR-REEL Datasheet HTML 7Page - Analog Devices AD7392AR-REEL Datasheet HTML 8Page - Analog Devices AD7392AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3 V, Parallel Input
Micropower 10-/12-Bit DACs
AD7392/AD7393
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1996–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Micropower: 100 μA
0.1 μA typical power shutdown
Single-supply 2.7 V to 5.5 V operation
AD7392: 12-bit resolution
AD7393: 10-bit resolution
0.9 LSB differential nonlinearity error
APPLICATIONS
Automotive 0.5 V to 4.5 V output span voltage
Portable communications
Digitally controlled calibration
PC peripherals
FUNCTIONAL BLOCK DIAGRAM
12
12
12-BIT
DAC
DAC REGISTER
VREF
SHDN
AGND
RS
D0 TO D11
CS
DGND
AD7392
VDD
VOUT
Figure 1.
GENERAL DESCRIPTION
The AD7392/AD7393 comprise a set of pin-compatible
10-/12-bit voltage output, digital-to-analog converters. The
parts are designed to operate from a single 3 V supply. Built
using a CBCMOS process, these monolithic DACs offer low
cost and ease of use in single-supply 3 V systems. Operation is
guaranteed over the supply voltage range of 2.7 V to 5.5 V,
making this device ideal for battery-operated applications.
The full-scale voltage output is determined by the external ref-
erence input voltage applied. The rail-to-rail REFIN to DACOUT
allows a full-scale voltage equal to the positive supply VDD or
any value in between. The voltage outputs are capable of sourc-
ing 5 mA.
A data latch load of 12 bits with a 45 ns write time eliminates
wait states when interfacing to the fastest processors. Addition-
ally, an asynchronous RS input sets the output to a zero scale at
power-on or upon user demand.
Both parts are offered with similar pinouts, which allows users
to select the amount of resolution appropriate for their applica-
tions without changing the circuit card.
The AD7392/AD7393 are specified for operation over the
extended industrial temperature range of −40°C to +85°C.
The AD7393AR is specified for the automotive temperature
range of −40°C to +125°C. The AD7392/AD7393 are available
in 20-lead PDIP and 20-lead SOIC packages.
For serial data input, 8-lead packaged versions, see the AD7390
and AD7391.


Número de pieza similar - AD7392AR-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7392AR AD-AD7392AR Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
More results

Descripción similar - AD7392AR-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392 AD-AD7392 Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
AD7397ARUZ AD-AD7397ARUZ Datasheet
216Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7397 AD-AD7397_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396 Datasheet
226Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com