Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PZT2222A Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza PZT2222A
Descripción Electrónicos  NPN General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZT2222A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  PZT2222A Datasheet HTML 1Page - Fairchild Semiconductor PZT2222A Datasheet HTML 2Page - Fairchild Semiconductor PZT2222A Datasheet HTML 3Page - Fairchild Semiconductor PZT2222A Datasheet HTML 4Page - Fairchild Semiconductor PZT2222A Datasheet HTML 5Page - Fairchild Semiconductor PZT2222A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Test Circuits
30 V
1.0 K
16 V
0
≤≤≤≤≤ 200ns
≤≤≤≤≤ 200ns
500
200
50
37
- 15 V
1.0 K
6.0 V
0
30 V
FIGURE 2: Saturated Turn-Off Switching Time
FIGURE 1: Saturated Turn-On Switching Time
1k
NPN General Purpose Amplifier
(continued)


Número de pieza similar - PZT2222A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
GUANGDONG HOTTECH INDUS...
PZT2222A HOTTECH-PZT2222A Datasheet
379Kb / 2P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
PZT2222A SIEMENS-PZT2222A Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
ON Semiconductor
PZT2222A ONSEMI-PZT2222A Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
logo
Fairchild Semiconductor
PZT2222A FAIRCHILD-PZT2222A Datasheet
211Kb / 8P
   NPN General Purpose Amplifier
More results

Descripción similar - PZT2222A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com