Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9708-EB Datasheet(PDF) 9 Page - Analog Devices |
|
AD9708-EB Datasheet(HTML) 9 Page - Analog Devices |
9 / 16 page AD9708 –9– REV. B voltage. Figure 17 shows a buffered singled-ended output con- figuration in which the op amp, U1, performs an I-V conversion on the AD9708 output current. U1 provides a negative unipolar output voltage and its full-scale output voltage is simply the product of RFB and IOUTFS. The full-scale output should be set within U1’s voltage output swing capabilities by scaling IOUTFS and/or RFB. An improvement in ac distortion performance may result with a reduced IOUTFS, since the signal current U1 will be required to sink and will be subsequently reduced. Note, the ac distortion performance of this circuit at higher DAC update rates may be limited by U1’s slewing capabilities. AD9708 22 IOUTA IOUTB 21 COPT 200 U1 VOUT = IOUTFS RFB IOUTFS = 10mA RFB 200 Figure 17. Unipolar Buffered Voltage Output IOUTA and IOUTB also have a negative and positive voltage compliance range that must be adhered to in order to achieve optimum performance. The positive output compliance range is slightly dependent on the full-scale output current, IOUTFS. It degrades slightly from its nominal 1.25 V for an IOUTFS = 20 mA to 1.00 V for an IOUTFS = 2 mA. Applications requiring the AD9708’s output (i.e., VOUTA and/or VOUTB) to extend up to its output compliance range should size RLOAD accordingly. Operation beyond this compliance range will adversely affect the AD9708’s linearity. The differential voltage, VDIFF, existing between VOUTA and VOUTB may also be converted to a single-ended voltage via a transformer or differential amplifier configuration. Refer to the DIFFERENTIAL OUTPUT CONFIGURATION section for more information. DIGITAL INPUTS The AD9708’s digital input consists of eight data input pins and a clock input pin. The 8-bit parallel data inputs follow standard positive binary coding where DB7 is the most significant bit (MSB) and DB0 is the least significant bit (LSB). The digital interface is implemented using an edge-triggered master slave latch. The DAC output is updated following the rising edge of the clock as shown in Figure 1 and is designed to support a clock rate as high as 125 MSPS. The clock can be operated at any duty cycle that meets the specified latch pulsewidth. The setup-and-hold times can also be varied within the clock cycle as long as the specified minimum times are met; although the location of these transition edges may affect digital feedthrough and distortion performance. The digital inputs are CMOS compatible with logic thresholds, VTHRESHOLD set to approximately half the digital positive supply (DVDD) or VTHRESHOLD = DVDD/2 ( ±20%) Figure 18 shows the equivalent digital input circuit for the data and clock inputs. The sleep mode input is similar, except that it contains an active pull-down circuit, thus ensuring that the AD9708 remains enabled if this input is left disconnected. The internal digital circuitry of the AD9708 is capable of operating over a digital supply range of 2.7 V to 5.5 V. As a result, the digital inputs can also accommodate TTL levels when DVDD is set to accommodate the maximum high level voltage, VOH(MAX), of the TTL drivers. A DVDD of 3 V to 3.3 V will typically ensure upper compatibility of most TTL logic families. DVDD DIGITAL INPUT Figure 18. Equivalent Digital Input Since the AD9708 is capable of being updated up to 125 MSPS, the quality of the clock and data input signals are important in achieving the optimum performance. The drivers of the digital data interface circuitry should be specified to meet the minimum setup-and-hold times of the AD9708 as well as its required min/ max input logic level thresholds. Typically, the selection of the slowest logic family that satisfies the above conditions will result in the lowest data feedthrough and noise. Digital signal paths should be kept short and run lengths matched to avoid propagation delay mismatch. The insertion of a low value resistor network (i.e., 20 Ω to 100 Ω) between the AD9708 digital inputs and driver outputs may be helpful in reducing any overshooting and ringing at the digital inputs that contribute to data feedthrough. For longer run lengths and high data update rates, strip line techniques with proper termination resistors should be considered to maintain “clean” digital inputs. Also, operating the AD9708 with reduced logic swings and a corre- sponding digital supply (DVDD) will also reduce data feedthrough. The external clock driver circuitry should provide the AD9708 with a low jitter clock input meeting the min/max logic levels while providing fast edges. Fast clock edges will help minimize any jitter that will manifest itself as phase noise on a recon- structed waveform. However, the clock input could also be driven by via a sine wave, which is centered around the digital threshold (i.e., DVDD/2), and meets the min/max logic threshold. This may result in a slight degradation in the phase noise, which becomes more noticeable at higher sampling rates and output frequencies. Note, at higher sampling rates the 20% tolerance of the digital logic threshold should be considered since it will affect the effective clock duty cycle and subsequently cut into the required data setup-and-hold times. SLEEP MODE OPERATION The AD9708 has a power-down function that turns off the output current and reduces the supply current to less than 8.5 mA over the specified supply range of 2.7 V to 5.5 V and tempera- ture range. This mode can be activated by applying a logic level “1” to the SLEEP pin. This digital input also contains an active pull-down circuit that ensures the AD9708 remains enabled if this input is left disconnected. The SLEEP input with active pull-down requires <40 µA of drive current. The power-up and power-down characteristics of the AD9708 are dependent on the value of the compensation capacitor con- nected to COMP2 (Pin 23). With a nominal value of 0.1 µF, the AD9708 takes less than 5 µs to power down and approximately 3.25 ms to power back up. |
Número de pieza similar - AD9708-EB |
|
Descripción similar - AD9708-EB |