Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9740-EB Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9740-EB
Descripción Electrónicos  10-Bit, 210 MSPS TxDAC D/A Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9740-EB Datasheet(HTML) 4 Page - Analog Devices

  AD9740-EB Datasheet HTML 1Page - Analog Devices AD9740-EB Datasheet HTML 2Page - Analog Devices AD9740-EB Datasheet HTML 3Page - Analog Devices AD9740-EB Datasheet HTML 4Page - Analog Devices AD9740-EB Datasheet HTML 5Page - Analog Devices AD9740-EB Datasheet HTML 6Page - Analog Devices AD9740-EB Datasheet HTML 7Page - Analog Devices AD9740-EB Datasheet HTML 8Page - Analog Devices AD9740-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9740
Rev. B | Page 4 of 32
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 20 mA, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
RESOLUTION
10
Bits
DC ACCURACY1
Integral Linearity Error (INL)
−0.7
±0.15
+0.7
LSB
Differential Nonlinearity (DNL)
−0.5
±0.12
+0.5
LSB
ANALOG OUTPUT
Offset Error
−0.02
+0.02
% of FSR
Gain Error (Without Internal Reference)
−2
±0.1
+2
% of FSR
Gain Error (With Internal Reference)
−2
±0.1
+2
% of FSR
Full-Scale Output Current2
2
20
mA
Output Compliance Range
−1
+1.25
V
Output Resistance
100
Output Capacitance
5
pF
REFERENCE OUTPUT
Reference Voltage
1.14
1.20
1.26
V
Reference Output Current3
100
nA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
V
Reference Input Resistance (External Reference)
7
Small Signal Bandwidth
0.5
MHz
TEMPERATURE COEFFICIENTS
Offset Drift
0
ppm of FSR/°C
Gain Drift (Without Internal Reference)
±50
ppm of FSR/°C
Gain Drift (With Internal Reference)
±100
ppm of FSR/°C
Reference Voltage Drift
±50
ppm/°C
POWER SUPPLY
Supply Voltages
AVDD
2.7
3.3
3.6
V
DVDD
2.7
3.3
3.6
V
CLKVDD
2.7
3.3
3.6
V
Analog Supply Current (IAVDD)
33
36
mA
Digital Supply Current (IDVDD)4
8
9
mA
Clock Supply Current (ICLKVDD)
5
6
mA
Supply Current Sleep Mode (IAVDD)
5
6
mA
Power Dissipation4
135
145
mW
Power Dissipation5
145
mW
Power Supply Rejection Ratio—AVDD6
−1
+1
% of FSR/V
Power Supply Rejection Ratio—DVDD6
−0.04
+0.04
% of FSR/V
OPERATING RANGE
−40
+85
°C
1 Measured at IOUTA, driving a virtual ground.
2 Nominal full-scale current, IOUTFS, is 32 times the IREF current.
3 An external buffer amplifier with input bias current <100 nA should be used to drive any external load.
4 Measured at fCLOCK = 25 MSPS and fOUT = 1 MHz.
5 Measured as unbuffered voltage output with IOUTFS = 20 mA, 50 Ω RLOAD at IOUTA and IOUTB, fCLOCK = 100 MSPS, and fOUT = 40 MHz.
6 ±5% power supply variation.


Número de pieza similar - AD9740-EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9740-EB AD-AD9740-EB Datasheet
743Kb / 20P
   10-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
More results

Descripción similar - AD9740-EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
   8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9410 AD-AD9410 Datasheet
315Kb / 20P
   10-Bit, 210 MSPS A/D Converter
REV. 0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9740 AD-AD9740 Datasheet
743Kb / 20P
   10-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9763 AD-AD9763 Datasheet
460Kb / 28P
   10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9750 AD-AD9750 Datasheet
302Kb / 22P
   10-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9751 AD-AD9751 Datasheet
714Kb / 26P
   10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
REV. 0
AD9708 AD-AD9708 Datasheet
246Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com